Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA277PA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA277PA
Description  High Precision OPERATIONAL AMPLIFIERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA277PA Datasheet(HTML) 4 Page - Texas Instruments

  OPA277PA Datasheet HTML 1Page - Texas Instruments OPA277PA Datasheet HTML 2Page - Texas Instruments OPA277PA Datasheet HTML 3Page - Texas Instruments OPA277PA Datasheet HTML 4Page - Texas Instruments OPA277PA Datasheet HTML 5Page - Texas Instruments OPA277PA Datasheet HTML 6Page - Texas Instruments OPA277PA Datasheet HTML 7Page - Texas Instruments OPA277PA Datasheet HTML 8Page - Texas Instruments OPA277PA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
OPA277, OPA2277, OPA4277
4
SBOS079A
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V to VS = ±15V (CONT)
At TA = +25°C, and RL = 2kΩ, unless otherwise noted.
Boldface limits apply over the specified temperature range, –40
°C to +85°C.
OPA277PA, UA
OPA277P, U
OPA2277PA, UA
OPA277AIDRM,
OPA2277P, U
OPA4277PA, UA
OPA2277AIDRM
PARAMETER
CONDITION
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
UNITS
OUTPUT
Voltage Output
VO
RL = 10kΩ
(V–) +0.5
(V+) –1.2
✻✻
✻✻
V
TA = –40°C to +85°C
RL = 10kΩ
(V–) +0.5
(V+) –1.2
✻✻
✻✻
V
RL = 2kΩ
(V–) +1.5
(V+) –1.5
✻✻
✻✻
V
TA = –40°C to +85°C
RL = 2kΩ
(V–) +1.5
(V+) –1.5
✻✻
✻✻
V
Short-Circuit Current
ISC
±35
✻✻
mA
Capacitive Load Drive
CLOAD
See Typical Curve
✻✻
POWER SUPPLY
Specified Voltage Range
VS
±5
±15
✻✻
✻✻
V
Operating Voltage Range
±2
±18
✻✻
✻✻
V
Quiescent Current (per amplifier)
IQ
IO = 0
±790
±825
✻✻
✻✻
µA
TA = –40°C to +85°C
IO = 0
±900
✻✻
µA
TEMPERATURE RANGE
Specified Range
–40
+85
✻✻
✻✻
°C
Operating Range
–55
+125
✻✻
✻✻
°C
Storage Range
–55
+125
✻✻
✻✻
°C
Thermal Resistance
θ
JA
SO-8 Surface-Mount
150
°C/W
DIP-8
100
°C/W
DIP-14
80
°C/W
SO-14 Surface-Mount
100
°C/W
DFN-8(2)
45
°C/W
✻ Specifications same as OPA277P, U.
NOTES: (1) VS = ±15V.
(2) Thermal pad soldered to printed circuit board (PCB).


Similar Part No. - OPA277PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277PA BURR-BROWN-OPA277PA Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277PA TI1-OPA277PA Datasheet
1Mb / 27P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA277PAG4 BURR-BROWN-OPA277PAG4 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA277PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
OPA277 BURR-BROWN-OPA277 Datasheet
346Kb / 9P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277UA2K5 TI1-OPA277UA2K5 Datasheet
1Mb / 27P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com