Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1212-12SKA433 Datasheet(PDF) 3 Page - Samtec, Inc

Part # SX1212-12SKA433
Description  Ultra-Low Power Integrated 300-510MHz Transceiver
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SX1212-12SKA433 Datasheet(HTML) 3 Page - Samtec, Inc

  SX1212-12SKA433 Datasheet HTML 1Page - Samtec, Inc SX1212-12SKA433 Datasheet HTML 2Page - Samtec, Inc SX1212-12SKA433 Datasheet HTML 3Page - Samtec, Inc SX1212-12SKA433 Datasheet HTML 4Page - Samtec, Inc SX1212-12SKA433 Datasheet HTML 5Page - Samtec, Inc SX1212-12SKA433 Datasheet HTML 6Page - Samtec, Inc SX1212-12SKA433 Datasheet HTML 7Page - Samtec, Inc SX1212-12SKA433 Datasheet HTML 8Page - Samtec, Inc SX1212-12SKA433 Datasheet HTML 9Page - Samtec, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
SX1212
ADVANCED COMMUNICATIONS & SENSING
Rev 2 – June 18th, 2009
Page 3 of 77
www.semtech.com
Index of Figures
Figure 1: SX1212 Simplified Block Diagram .................................. 5
Figure 2: SX1212 Pin Diagram ...................................................... 6
Figure 3: SX1212 Detailed Block Diagram .................................. 12
Figure 4: Power Supply Breakdown............................................. 13
Figure 5: Frequency Synthesizer Description .............................. 14
Figure 6: LO Generator ................................................................ 14
Figure 7: Loop Filter ..................................................................... 16
Figure 8: Transmitter Architecture ............................................... 18
Figure 9: I(t), Q(t) Overview ......................................................... 18
Figure 10: PA Control................................................................... 21
Figure 11: Optimal Load Impedance Chart.................................. 21
Figure 12: Recommended PA Biasing and Output Matching ..... 22
Figure 13: Front-end Description ................................................. 22
Figure 14: Receiver Architecture ................................................. 23
Figure 15: FSK Receiver Setting ................................................. 23
Figure 16: OOK Receiver Setting ................................................ 23
Figure 17: Active Channel Filter Description................................ 24
Figure 18: Butterworth Filter's Actual BW .................................... 26
Figure 19: Polyphase Filter's Actual BW...................................... 26
Figure 20: RSSI Dynamic Range................................................. 27
Figure 21: RSSI IRQ Timings ...................................................... 28
Figure 22: OOK Demodulator Description ................................... 29
Figure 23: Floor Threshold Optimization...................................... 30
Figure 24: BitSync Description..................................................... 31
Figure 25: SX1212’s Data Processing Conceptual View ............. 34
Figure 26: SPI Interface Overview and uC Connections ............. 35
Figure 27: Write Register Sequence............................................ 36
Figure 28: Read Register Sequence............................................ 37
Figure 29: Write Bytes Sequence (ex: 2 bytes) ........................... 37
Figure 30: Read Bytes Sequence (ex: 2 bytes) ........................... 38
Figure 31: FIFO and Shift Register (SR)...................................... 38
Figure 32: FIFO Threshold IRQ Source Behavior........................ 39
Figure 33: Sync Word Recognition ...............................................40
Figure 34: Continuous Mode Conceptual View.............................41
Figure 35: Tx Processing in Continuous Mode .............................41
Figure 36: Rx Processing in Continuous Mode.............................42
Figure 37: uC Connections in Continuous Mode ..........................43
Figure 38: Buffered Mode Conceptual View .................................44
Figure 39: Tx processing in Buffered Mode (FIFO size = 16,
Tx_start_irq_0=0) ...............................................................45
Figure 40: Rx Processing in Buffered Mode (FIFO size=16,
Fifo_fill_method=0).............................................................46
Figure 41: uC Connections in Buffered Mode...............................47
Figure 42: Packet Mode Conceptual View....................................49
Figure 43: Fixed Length Packet Format........................................50
Figure 44: Variable Length Packet Format ...................................51
Figure 45: CRC Implementation ...................................................53
Figure 46: Manchester Encoding/Decoding..................................54
Figure 47: Data Whitening ............................................................54
Figure 48: uC Connections in Packet Mode .................................55
Figure 49: Optimized Rx Cycle .....................................................67
Figure 50: Optimized Tx Cycle......................................................68
Figure 51: Tx Hop Cycle ...............................................................69
Figure 52: Rx Hop Cycle...............................................................70
Figure 53: Rx
Tx
Rx Cycle ...................................................71
Figure 54: POR Timing Diagram...................................................72
Figure 55: Manual Reset Timing Diagram ....................................72
Figure 56: Reference Design Circuit Schematic ...........................73
Figure 57: Reference Design‘s Stackup .......................................74
Figure 58: Reference Design Layout (top view)............................74
Figure 59: Package Outline Drawing ............................................75
Figure 60: PCB Land Pattern........................................................75
Figure 61: Tape & Reel Dimensions .............................................76


Similar Part No. - SX1212-12SKA433

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1212 SEMTECH-SX1212 Datasheet
1Mb / 77P
   Ultra-Low Power Integrated 300-510MHz Transceiver
SX1212 SEMTECH-SX1212 Datasheet
1Mb / 77P
   Ultra-Low Power Integrated 300-510MHz Transceiver
SX1212IWLTRT SEMTECH-SX1212IWLTRT Datasheet
1Mb / 77P
   Ultra-Low Power Integrated 300-510MHz Transceiver
More results

Similar Description - SX1212-12SKA433

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RF64W HOPE-RF64W Datasheet
2Mb / 76P
   Ultra-Low Power Integrated 300-510MHz Transceiver
logo
Semtech Corporation
SM1212E433 SEMTECH-SM1212E433 Datasheet
1Mb / 77P
   Ultra-Low Power Integrated 300-510MHz Transceiver
SX1212 SEMTECH-SX1212 Datasheet
1Mb / 77P
   Ultra-Low Power Integrated 300-510MHz Transceiver
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
Micrel Semiconductor
MICRF507 MICREL-MICRF507 Datasheet
681Kb / 46P
   470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
MICRF507 MICREL-MICRF507_13 Datasheet
1Mb / 47P
   470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
logo
Microchip Technology
MRF89XA MICROCHIP-MRF89XA Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM BandSub-GHz Transceiver
10/10/17
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com