Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9500i-ABZJ Datasheet(PDF) 9 Page - SMSC Corporation

Part # LAN9500i-ABZJ
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500i-ABZJ Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LAN9500i-ABZJ Datasheet HTML 5Page - SMSC Corporation LAN9500i-ABZJ Datasheet HTML 6Page - SMSC Corporation LAN9500i-ABZJ Datasheet HTML 7Page - SMSC Corporation LAN9500i-ABZJ Datasheet HTML 8Page - SMSC Corporation LAN9500i-ABZJ Datasheet HTML 9Page - SMSC Corporation LAN9500i-ABZJ Datasheet HTML 10Page - SMSC Corporation LAN9500i-ABZJ Datasheet HTML 11Page - SMSC Corporation LAN9500i-ABZJ Datasheet HTML 12Page - SMSC Corporation LAN9500i-ABZJ Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
9
Revision 1.1 (04-18-13)
DATASHEET
Chapter 2 Introduction
2.1
Block Diagram
2.1.1
Overview
The LAN950x is a high performance Hi-Speed USB 2.0 to 10/100 Ethernet controller. With applications
ranging from embedded systems, set-top boxes, and PVR’s, to USB port replicators, USB to Ethernet
dongles, and test instrumentation, the device is a high performance and cost competitive USB to
Ethernet connectivity solution.
The LAN950x contains an integrated 10/100 Ethernet PHY, USB PHY, Hi-Speed USB 2.0 device
controller, 10/100 Ethernet MAC, TAP controller, EEPROM controller, and a FIFO controller with a total
of 30 KB of internal packet buffering.
The internal USB 2.0 device controller and USB PHY are compliant with the USB 2.0 Hi-Speed
standard. The device implements Control, Interrupt, Bulk-in, and Bulk-out USB Endpoints.
The Ethernet controller supports auto-negotiation, auto-polarity correction, HP Auto-MDIX, and is
compliant with the IEEE 802.3 and IEEE 802.3u standards. An external MII interface provides support
for an external Fast Ethernet PHY, HomePNA, and HomePlug functionality.
Multiple power management features are provided, including various low power modes and "Magic
Packet", "Wake On LAN", and "Link Status Change" wake events. These wake events can be
programmed to initiate a USB remote wakeup.
An internal EEPROM controller exists to load various USB configuration information and the device
MAC address. The integrated IEEE 1149.1 compliant TAP controller provides boundary scan via JTAG.
Figure 2.1 System Diagram
TAP
Controller
EEPROM
Controller
USB 2.0
Device
Controller
SRAM
Ethernet
PHY
10/100
Ethernet
MAC
FIFO
Controller
USB
PHY
LAN950x
MII: To optional
external PHY
Ethernet
EEPROM
JTAG
USB


Similar Part No. - LAN9500i-ABZJ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9500I MICROCHIP-LAN9500I Datasheet
1Mb / 213P
   LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
More results

Similar Description - LAN9500i-ABZJ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9500 MICROCHIP-LAN9500 Datasheet
1Mb / 213P
   LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
LAN9514 MICROCHIP-LAN9514 Datasheet
699Kb / 54P
   USB 2.0 Hub and 10/100 Ethernet Controller
10/28/16
logo
SMSC Corporation
LAN9513 SMSC-LAN9513 Datasheet
863Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512 SMSC-LAN9512_12 Datasheet
861Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514 SMSC-LAN9514_12 Datasheet
884Kb / 52P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
List of Unclassifed Man...
KL5KUSB121 ETC-KL5KUSB121 Datasheet
303Kb / 17P
   USB to 10/100 Ethernet Controller
logo
SMSC Corporation
LAN9512 SMSC-LAN9512 Datasheet
846Kb / 48P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN7500 MICROCHIP-LAN7500 Datasheet
1Mb / 58P
   Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
03/25/14
logo
SMSC Corporation
LAN9514 SMSC-LAN9514 Datasheet
867Kb / 49P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
   USB 2.0 to 10/100M Fast Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com