Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9500I Datasheet(PDF) 10 Page - SMSC Corporation

Part # LAN9500I
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500I Datasheet(HTML) 10 Page - SMSC Corporation

Back Button LAN9500I Datasheet HTML 6Page - SMSC Corporation LAN9500I Datasheet HTML 7Page - SMSC Corporation LAN9500I Datasheet HTML 8Page - SMSC Corporation LAN9500I Datasheet HTML 9Page - SMSC Corporation LAN9500I Datasheet HTML 10Page - SMSC Corporation LAN9500I Datasheet HTML 11Page - SMSC Corporation LAN9500I Datasheet HTML 12Page - SMSC Corporation LAN9500I Datasheet HTML 13Page - SMSC Corporation LAN9500I Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
10
SMSC LAN950x Family
DATASHEET
2.1.2
USB
The USB portion of the LAN950x integrates a Hi-Speed USB 2.0 device controller and USB PHY.
The USB device controller contains a USB low-level protocol interpreter which implements the USB
bus protocol, packet generation/extraction, PID/Device ID parsing, and CRC coding/decoding, with
autonomous error handling. The USB device controller is capable of operating in USB 2.0 Hi-Speed
and Full-Speed compliant modes and contains autonomous protocol handling functions such as
handling of suspend/resume/reset conditions, remote wakeup, and stall condition clearing on Setup
packets. The USB device controller also autonomously handles error conditions such as retry for CRC
and data toggle errors, and generates NYET, STALL, ACK and NACK handshake responses,
depending on the endpoint buffer status.
The LAN950x implements four USB endpoints: Control, Interrupt, Bulk-in, and Bulk-out. The Bulk-in
and Bulk-out Endpoints allow for Ethernet reception and transmission respectively. Implementation of
vendor-specific commands allows for efficient statistics gathering and access to the device’s system
control and status registers.
2.1.3
FIFO Controller
The FIFO controller uses an internal SRAM to buffer RX and TX traffic. Bulk-out packets from the USB
controller are directly stored into the TX buffer. Ethernet Frames are directly stored into the RX buffer
and become the basis for bulk-in packets.
2.1.4
Ethernet
The LAN950x integrates an IEEE 802.3 PHY for twisted pair Ethernet applications and a 10/100
Ethernet Media Access Controller (MAC).
The PHY can be configured for either 100 Mbps (100BASE-TX) or 10 Mbps (10BASE-T) Ethernet
operation in either full- or half-duplex configurations and includes auto-negotiation, auto-polarity
correction, and Auto-MDIX. Minimal external components are required for the utilization of the
Integrated PHY.
Optionally, an external PHY may be used via the MII (Media Independent Interface) port, effectively
bypassing the internal PHY. This option allows support for HomePNA and HomePlug applications.
The Ethernet MAC/PHY supports numerous power management wakeup features, including “Magic
Packet”, “Wake on LAN”, and “Link Status Change”. Eight wakeup frame filters are provided by
LAN9500A/LAN9500Ai, while LAN9500/LAN9500i support four.
2.1.5
Power Management
The LAN950x features four (Note 2.1) variations of USB suspend: SUSPEND0, SUSPEND1,
SUSPEND2, and SUSPEND3. These modes allow the application to select the ideal balance of remote
wakeup functionality and power consumption.
SUSPEND0: Supports GPIO, “Wake On LAN”, and “Magic Packet” remote wakeup events. This
suspend state reduces power by stopping the clocks of the MAC and other internal modules.
SUSPEND1: Supports GPIO and “Link Status Change” for remote wakeup events. This suspend
state consumes less power than SUSPEND0.
SUSPEND2: Supports only GPIO assertion for a remote wakeup event. This is the default suspend
mode for the device.
SUSPEND3: (Note 2.1) Supports GPIO and “Good Packet” remote wakeup event. A “Good Packet”
is a received frame passing certain filtering constraints independent of those imposed on “Wake
On LAN” and “Magic Packet” frames. This suspend state consumes power at a level similar to the
NORMAL state, however, it allows for power savings in the Host CPU.


Similar Part No. - LAN9500I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9500I MICROCHIP-LAN9500I Datasheet
1Mb / 213P
   LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
More results

Similar Description - LAN9500I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9500 MICROCHIP-LAN9500 Datasheet
1Mb / 213P
   LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
LAN9514 MICROCHIP-LAN9514 Datasheet
699Kb / 54P
   USB 2.0 Hub and 10/100 Ethernet Controller
10/28/16
logo
SMSC Corporation
LAN9513 SMSC-LAN9513 Datasheet
863Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512 SMSC-LAN9512_12 Datasheet
861Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514 SMSC-LAN9514_12 Datasheet
884Kb / 52P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
List of Unclassifed Man...
KL5KUSB121 ETC-KL5KUSB121 Datasheet
303Kb / 17P
   USB to 10/100 Ethernet Controller
logo
SMSC Corporation
LAN9512 SMSC-LAN9512 Datasheet
846Kb / 48P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN7500 MICROCHIP-LAN7500 Datasheet
1Mb / 58P
   Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
03/25/14
logo
SMSC Corporation
LAN9514 SMSC-LAN9514 Datasheet
867Kb / 49P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
   USB 2.0 to 10/100M Fast Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com