Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

315610050260871 Datasheet(PDF) 1 Page - AVX Corporation

Part # 315610050260871
Description  Compact Flash Memory Card
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

315610050260871 Datasheet(HTML) 1 Page - AVX Corporation

  315610050260871 Datasheet HTML 1Page - AVX Corporation 315610050260871 Datasheet HTML 2Page - AVX Corporation 315610050260871 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Compact Flash Memory Card
Series
5610/5620
デジタルカメラ、ノートPC、PDA等、携帯用の小型機器などに使用されるコンパクトフラッシュ対応のメモリーカード用コ
ネクタです。
ヘッダーは、自動実装に対応。ボタン位置、カスタムデザインにもフレキシブルに対応します。またノーマル仕様(ノーマル
/リバース)に加え、カード下に部品実装が可能なスタンドオフタイプも用意しています。
Series 5610 and 5620 are memory card connector supporting Compact Flash that is used for such small-sized devices
as Digital Still Camera, Laptop-PC, PDA, etc.
Series 5610 and Series 5620 consisted of header connector and ejector.
The header supports auto-mounting processes. It flexibly complies with any kind of ejector-button position and customized
design. In addition to the normal and reverse type, stand-off type can also be offered, which enables the components to be
mounted on the back side of card.
極数(No. of Pos.)
50
極間隔(Pitch)
1.27mm Grid
Tail Pitch 0.635mm
定格電流(Current)
0.5A Max.
定格電圧(Voltage)
5V Max.
耐電圧(D.W.Voltage)
500Vrms/min.
5610/TYPEⅠ
Connector style
Ejector style
注文コード / Ordering Code
Stand off / KEYING
Button side
Connector
Ejector
Straight
Left side
31 5610 050 500 871+
30 5610 000 001 000 +
Right side
31 5610 050 500 871+
30 5610 000 002 000 +
Foldable
Left side
31 5610 050 500 871+
30 5610 000 005 000 +
Right side
31 5610 050 500 871+
30 5610 000 006 000 +
Foldable Slim
Left side
31 5610 050 500 871+
30 5610 000 904 000 +
Height=0, Normal
Right side
31 5610 050 500 871+
30 5610 000 903 000 +
Straight
Left side
31 5610 050 550 871+
30 5610 000 001 000 +
Right side
31 5610 050 550 871+
30 5610 000 002 000 +
Foldable
Left side
31 5610 050 550 871+
30 5610 000 005 000 +
Right side
31 5610 050 550 871+
30 5610 000 006 000 +
Foldable Slim
Left side
31 5610 050 550 871+
30 5610 000 904 000 +
Height=0, Reverse
Right side
31 5610 050 550 871+
30 5610 000 903 000 +
Straight
Left side
31 5610 050 210 871+
30 5610 000 001 000 +
Right side
31 5610 050 210 871+
30 5610 000 002 000 +
Foldable
Left side
31 5610 050 210 871+
30 5610 000 005 000 +
Right side
31 5610 050 210 871+
30 5610 000 006 000 +
Foldable Slim
Left side
31 5610 050 210 871+
30 5610 000 904 000 +
Height=2.2, Normal
Right side
31 5610 050 210 871+
30 5610 000 903 000 +
Straight
Left side
31 5610 050 260 871+
30 5610 000 001 000 +
Right side
31 5610 050 260 871+
30 5610 000 002 000 +
Foldable
Left side
31 5610 050 260 871+
30 5610 000 005 000 +
Right side
31 5610 050 260 871+
30 5610 000 006 000 +
Foldable Slim
Left side
31 5610 050 260 871+
30 5610 000 904 000 +
Height=2.2, Reverse
Right side
31 5610 050 260 871+
30 5610 000 903 000 +
Without
Without
All Products
70 5610 100 000 000 +
5620/TYPEⅡ
Connector style
Ejector style
注文コード / Ordering Code
Stand off / KEYING
Button side
Connector
Ejector
Straight
Left side
31 5620 050 116 871+
30 5620 000 001 000 +
Right side
31 5620 050 116 871+
30 5620 000 002 000 +
Foldable
Left side
31 5620 050 116 871+
30 5620 000 005 000 +
Height=0, Normal
Right side
31 5620 050 116 871+
30 5620 000 006 000 +
Straight
Left side
31 5620 050 716 871+
30 5610 000 001 000 +
Right side
31 5620 050 716 871+
30 5610 000 002 000 +
Foldable
Left side
31 5620 050 716 871+
30 5610 000 005 000 +
Right side
31 5620 050 716 871+
30 5610 000 006 000 +
Foldable Slim
Left side
31 5620 050 716 871+
30 5610 000 904 000 +
Height=2.0, Reverse
Right side
31 5620 050 716 871+
30 5610 000 903 000 +
Without
Without
All Products
70 5610 100 000 000 +
LEFT STRAIGHT BUTTON RIGHT STRAIGHT BUTTON
WITHOUT BUTTON
LEFT FOLDABLE BUTTON
RIGHT FOLDABLE BUTTON
LEFT FOLDABLE BUTTON
(SLIM TYPE)
RIGHT FOLDABLE BUTTON
(SLIM TYPE)
Ejector


Similar Part No. - 315610050260871

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3156 ASM-SENSOR-3156 Datasheet
481Kb / 8P
   LEAK CURRENT HiTESTER
logo
List of Unclassifed Man...
3156 ETC2-3156 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
logo
OSRAM GmbH
3156 OSRAM-3156 Datasheet
127Kb / 4P
   Original spare parts
logo
List of Unclassifed Man...
3156 ETC2-3156 Datasheet
68Kb / 1P
   WASHERS
logo
Heyco.
3156 HEYCO-3156 Datasheet
111Kb / 1P
   Vent Plugs and Thick Panel Vent Plugs
More results

Similar Description - 315610050260871

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
5610 AVX-5610 Datasheet
180Kb / 5P
   Compact Flash Memory Card Connectors
31-5610-050-210-871 AVX-31-5610-050-210-871 Datasheet
213Kb / 4P
   Compact Flash Memory Card Connectors
logo
Sharp Corporation
ID241 SHARP-ID241 Datasheet
22Kb / 1P
   Flash Memory Card
logo
Apacer Technology Inc.
SU220-CFAST APACER-SU220-CFAST Datasheet
677Kb / 5P
   flash memory card
logo
Sharp Corporation
ID242 SHARP-ID242 Datasheet
1Mb / 33P
   Flash Memory Card
ID246 SHARP-ID246 Datasheet
2Mb / 38P
   Flash Memory Card
logo
Apacer Technology Inc.
SS220-CFAST APACER-SS220-CFAST Datasheet
787Kb / 5P
   flash memory card
SM220-CFAST APACER-SM220-CFAST Datasheet
676Kb / 5P
   flash memory card
SM230-CFAST APACER-SM230-CFAST Datasheet
1Mb / 4P
   flash memory card
logo
Sharp Corporation
ID243G01 SHARP-ID243G01 Datasheet
1Mb / 32P
   8MB Flash Memory Card
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com