Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTR020P02 Datasheet(PDF) 3 Page - Rohm

Part # RTR020P02
Description  Switching (??0V, ??.0A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTR020P02 Datasheet(HTML) 3 Page - Rohm

  RTR020P02 Datasheet HTML 1Page - Rohm RTR020P02 Datasheet HTML 2Page - Rohm RTR020P02 Datasheet HTML 3Page - Rohm RTR020P02 Datasheet HTML 4Page - Rohm RTR020P02 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RTR020P02
Transistors
3/4
Electrical characteristic curves
0.5
1.0
1.5
2.0
2.5
GATE-SOURCE VOLTAGE :
−VGS (V)
0.001
0.01
0.1
1
10
Fig.1 Typical Transfer Characteristics
VDS
= −10V
Pulsed
Ta
=125°C
Ta
=75°C
Ta
=25°C
Ta
= −25°C
0.01
1
0.1
10
DRAIN CURRENT :
−ID (A)
1
100
1000
Fig.2 Static Drain-Source On-State
Resistance vs. Drain Current
Ta
=25°C
Pulsed
VGS
= −2.5V
VGS
= −4.0V
VGS
= −4.5V
VGS
= −10V
Pulsed
Fig.3 Static Drain-Source On-State
Resistance vs. Drain Current
DRAIN CURRENT :
−ID (A)
0.1
1
10
10
100
1000
Ta
=125°C
Ta
=75°C
Ta
=25°C
Ta
= −25°C
0.1
1
10
10
100
1000
DRAIN CURRENT :
−ID (A)
Fig.4 Static Drain-Source On-State
Resistance vs. Drain Current
VGS
= −4.5V
Pulsed
Ta
=125°C
Ta
=75°C
Ta
=25°C
Ta
= −25°C
0.1
1
10
10
100
1000
VGS
= −2.5V
Pulsed
DRAIN CURRENT :
−ID (A)
Fig.5 Static Drain-Source On-State
Resistance vs. Drain Current
Ta
=125°C
Ta
=75°C
Ta
=25°C
Ta
= −25°C
0
0.5
1.0
1.5
2.0
SOURCE-DRAIN VOLTAGE :
−VSD (V)
0.01
0.1
1
10
VGS
=0V
Pulsed
Fig.6 Reverse Drain Current
vs.Source-Drain Voltage
Ta
=125°C
Ta
=75°C
Ta
=25°C
Ta
= −25°C
0.01
0.1
1
10
100
DRAIN-SOURCE VOLTAGE :
−VDS (V)
10000
10
100
1000
Ta
=25°C
f
=1MHz
VGS
=0V
Fig.7 Typical Capacitance
vs. Drain-Source Voltage
Ciss
Coss
Crss
0.01
0.1
1
10
DRAIN CURRENT :
−ID (A)
1
10
1000
10000
100
Ta
=25°C
VDD
= −15V
VGS
= −4.5V
RG
=10Ω
Pulsed
Fig.8 Switching Characteristics
td (off)
tr
tf
td (on)
01
2
3
4
5
TOTAL GATE CHARGE : Qg (nC)
0
1
2
3
4
5
6
7
8
Fig.9 Dynamic Input Characteristics
6
Ta
=25°C
VDD
= −15V
ID
= −2.0A
RG
=10Ω
Pulsed


Similar Part No. - RTR020P02

ManufacturerPart #DatasheetDescription
logo
Rohm
RTR020P02 ROHM-RTR020P02 Datasheet
104Kb / 5P
   Switching (-20V, -2.0A)
logo
VBsemi Electronics Co.,...
RTR020P02 VBSEMI-RTR020P02 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Rohm
RTR020P02FRA ROHM-RTR020P02FRA Datasheet
1Mb / 8P
   2.5V Drive Pch MOSFET
RTR020P02HZG ROHM-RTR020P02HZG Datasheet
2Mb / 15P
   Pch -20V -2A Small Signal MOSFET
More results

Similar Description - RTR020P02

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS050P03TB ROHM-RSS050P03TB Datasheet
93Kb / 5P
   Switching (??0V, ??.0A)
logo
Renesas Technology Corp
RJE0620JPD RENESAS-RJE0620JPD_15 Datasheet
107Kb / 8P
   ??0V, ??0A, P Channel Thermal FET Power Switching
RJE0618JSP RENESAS-RJE0618JSP_15 Datasheet
106Kb / 8P
   ??0V, ??0A, P Channel Thermal FET Power Switching
logo
Foshan Blue Rocket Elec...
SSL34F FOSHAN-SSL34F Datasheet
934Kb / 6P
   Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0V, Forward Current竊?.0A ,SMAF thin
logo
Renesas Technology Corp
RJE0617JSP RENESAS-RJE0617JSP Datasheet
262Kb / 8P
   ??0V, ??.5A, P Channel Thermal FET Power Switching
RJE0617JSP RENESAS-RJE0617JSP_15 Datasheet
224Kb / 8P
   ??0V, ??.5A, P Channel Thermal FET Power Switching
logo
Gulf Semiconductor
USB2J GULFSEMI-USB2J Datasheet
126Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
logo
Zibo Seno Electronic En...
SF510 ZSELEC-SF510 Datasheet
97Kb / 2P
   .0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Rohm
2SB1427T100E ROHM-2SB1427T100E Datasheet
57Kb / 3P
   Power transistor (??0V, ??A)
logo
Renesas Technology Corp
HITJ0204MP RENESAS-HITJ0204MP_15 Datasheet
106Kb / 7P
   ??0V, ??.6A, 280m?뾪ax Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com