Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTZ10B Datasheet(PDF) 2 Page - Rohm

Part # PTZ10B
Description  Small power mold type. (PMDS)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PTZ10B Datasheet(HTML) 2 Page - Rohm

  PTZ10B Datasheet HTML 1Page - Rohm PTZ10B Datasheet HTML 2Page - Rohm PTZ10B Datasheet HTML 3Page - Rohm PTZ10B Datasheet HTML 4Page - Rohm PTZ10B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PTZ15B
Diodes
Rev.E
2/4
Electrical characteristics (Ta=25 C)
MIN.
TYP.
MAX.
Iz(mA) Max. Iz(mA)
MAX.
VR(V)
TYP.
Iz(mA)
MIN.
Test Condition
PTZ 3.6B
3.600
3.813
4.000
40
15
40
60
1.0
-2.8
40
Z 3.9B
3.900
4.136
4.400
40
15
40
40
1.0
-2.4
40
Z 4.3B
4.300
4.572
4.800
40
15
40
20
1.0
-2.1
40
Z 4.7B
4.700
4.924
5.200
40
10
40
20
1.0
-1.7
40
Z 5.1B
5.100
5.368
5.700
40
8
40
20
1.0
-0.6
40
Z 5.6B
5.600
5.856
6.300
40
8
40
20
1.5
1.4
40
Z 6.2B
6.200
6.509
7.000
40
6
40
20
3.0
2.5
40
Z 6.8B
6.800
7.280
7.700
40
6
40
20
3.5
3.2
40
Z 7.5B
7.500
7.889
8.400
40
4
40
20
4.0
4.2
40
Z 8.2B
8.200
8.655
9.300
40
4
40
20
5.0
5.0
40
Z 9.1B
9.100
9.747
10.200
40
6
40
20
6.0
5.9
40
0B
10.000
10.310
11.200
40
6
40
10
7.0
6.9
40
1B
11.000
11.510
12.300
20
8
20
10
8.0
7.9
20
2B
12.000
12.500
13.500
20
8
20
10
9.0
8.7
20
3B
13.300
13.820
15.000
20
10
20
10
10.0
10.1
20
5B
14.700
15.350
16.500
20
10
20
10
11.0
11.8
20
6B
16.200
16.860
18.300
20
12
20
10
12.0
13.3
20
8B
18.000
19.000
20.300
20
12
20
10
13.0
15.0
20
0B
20.000
20.820
22.400
20
14
20
10
15.0
17.4
20
2B
22.000
23.850
24.500
10
10
10
17.0
19.4
10
4B
24.000
25.310
27.600
10
10
10
19.0
21.6
10
7B
27.000
28.700
30.800
10
10
10
21.0
24.6
10
0B
30.000
31.570
34.000
10
10
10
23.0
27.5
10
3B
33.000
34.950
37.000
10
10
10
25.0
30.8
10
6B
36.000
39.240
40.000
10
10
10
27.0
37.0
10
)The zener voltage(Vz) is measured 40ms after power is supplied.
)The operating resistances(Zz,Zzk) are measured by superimposing a minute alternating current
on the regulated current(Iz)
ESD breakdown voltage
ESD(kV)
30kV
C=150pF
R=330
forward
and
reverse:
10 times
Temperature
coeficiency
* z(mV/
)
TYP.
Symbol
Zener voltage Vz(V)
Operating
resistance
Zz( )
Reverse current
IR(
μA)
PT
PT
PT
PT
PT
PT
PT
PT
PT
PT
PTZ 1
PTZ 1
PTZ 1
PTZ 1
PTZ 1
PTZ 1
PTZ 1
PTZ 2
PTZ 2
PTZ 2
PTZ 2
PTZ 3
PTZ 3
PTZ 3
(
(
Marking (TYPE NO.)
TYPE
TYPE NO.
TYPE
TYPE NO.
TYPE
PTZ
3.6B
3.6B
PTZ
8.2B
8.2B
PTZ
20B
20B
PTZ
3.9B
3.9B
PTZ
9.1B
9.1B
PTZ
22B
22B
PTZ
4.3B
4.3B
PTZ
10B
10B
PTZ
24B
24B
PTZ
4.7B
4.7B
PTZ
11B
11B
PTZ
27B
27B
PTZ
5.1B
5.1B
PTZ
12B
12B
PTZ
30B
30B
PTZ
5.6B
5.6B
PTZ
13B
13B
PTZ
33B
33B
PTZ
6.2B
6.2B
PTZ
15B
15B
PTZ
36B
36B
PTZ
6.8B
6.8B
PTZ
16B
PTZ
7.5B
7.5B
PTZ
18B
18B
16B


Similar Part No. - PTZ10B

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ10B ROHM-PTZ10B Datasheet
227Kb / 5P
   Zener diode
PTZ10B ROHM-PTZ10B Datasheet
175Kb / 5P
   Zener diode
PTZ10B ROHM-PTZ10B Datasheet
2Mb / 10P
   Zener Diode
PTZ10B ROHM-PTZ10B Datasheet
154Kb / 5P
   Zener diode
PTZ10B ROHM-PTZ10B Datasheet
222Kb / 5P
   Zener diode
More results

Similar Description - PTZ10B

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZTE2524B ROHM-PTZTE2524B Datasheet
154Kb / 5P
   Small power mold type. (PMDS)
PTZTE2530B ROHM-PTZTE2530B Datasheet
154Kb / 5P
   Small power mold type. (PMDS)
PTZTE2518B ROHM-PTZTE2518B Datasheet
155Kb / 5P
   Small power mold type. (PMDS), High ESD tolerance
KDZTR24B ROHM-KDZTR24B Datasheet
117Kb / 5P
   Small power mold type.
KDZTR5.1B ROHM-KDZTR5.1B Datasheet
117Kb / 5P
   Small power mold type.
KDZTR6.2B ROHM-KDZTR6.2B Datasheet
116Kb / 5P
   Small power mold type.
PTZTE2520A ROHM-PTZTE2520A Datasheet
444Kb / 11P
   Small power mold type
KDZTR20B ROHM-KDZTR20B Datasheet
118Kb / 5P
   Small power mold type
logo
SHIKUES Electronics
RB715F SKTECHNOLGY-RB715F Datasheet
700Kb / 3P
   Extra small power mold type
logo
Rohm
VMZ6.8NT2L ROHM-VMZ6.8NT2L Datasheet
133Kb / 3P
   Ultra small mold type. (VMD3)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com