Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFPF04F150S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FFPF04F150S
Description  DAMPER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF04F150S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FFPF04F150S Datasheet HTML 1Page - Fairchild Semiconductor FFPF04F150S Datasheet HTML 2Page - Fairchild Semiconductor FFPF04F150S Datasheet HTML 3Page - Fairchild Semiconductor FFPF04F150S Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
Package Dimensions
TO-220F 2L
Dimensions in Millimeters
2.54
±0.20
0.80
±0.10
0.35
±0.10
2.76
±0.20
MAX1.47
(1.00x45
°)
(0.70)
10.16
±0.20
9.40
±0.20
ø3.18
±0.10
2.54TYP
[2.54
±0.20]
2.54TYP
[2.54
±0.20]
0.50
+0.10
–0.05


Similar Part No. - FFPF04F150S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF04S60S FAIRCHILD-FFPF04S60S Datasheet
238Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFPF04S60STU FAIRCHILD-FFPF04S60STU Datasheet
238Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFPF04U150S FAIRCHILD-FFPF04U150S Datasheet
75Kb / 4P
   DAMPER DIODE
FFPF04U40DN FAIRCHILD-FFPF04U40DN Datasheet
76Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF04U40DP FAIRCHILD-FFPF04U40DP Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results

Similar Description - FFPF04F150S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF04U150S FAIRCHILD-FFPF04U150S Datasheet
75Kb / 4P
   DAMPER DIODE
FFPF10F150S FAIRCHILD-FFPF10F150S Datasheet
75Kb / 4P
   DAMPER DIODE
logo
NXP Semiconductors
BY428 PHILIPS-BY428 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 26
BY328 PHILIPS-BY328 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 30
logo
New Jersey Semi-Conduct...
BY328 NJSEMI-BY328 Datasheet
70Kb / 2P
   Damper diode
logo
Fairchild Semiconductor
FFPF06F150S FAIRCHILD-FFPF06F150S Datasheet
75Kb / 4P
   DAMPER DIODE
FFPF10U150S FAIRCHILD-FFPF10U150S Datasheet
74Kb / 4P
   DAMPER DIODE
logo
NXP Semiconductors
BY228 PHILIPS-BY228 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 26
logo
Fairchild Semiconductor
FFPF06U150S FAIRCHILD-FFPF06U150S Datasheet
73Kb / 4P
   DAMPER DIODE
FFPF14X150S FAIRCHILD-FFPF14X150S Datasheet
75Kb / 4P
   DAMPER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com