Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB521ZS-30 Datasheet(PDF) 1 Page - Rohm

Part # RB521ZS-30
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB521ZS-30 Datasheet(HTML) 1 Page - Rohm

  RB521ZS-30 Datasheet HTML 1Page - Rohm RB521ZS-30 Datasheet HTML 2Page - Rohm RB521ZS-30 Datasheet HTML 3Page - Rohm RB521ZS-30 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RB521ZS-30
Diodes
Rev.C
1/3
Schottky Barrier Diode
RB521ZS-30
Applications
General rectification
Features
1) Ultra small mold type.(GMD2)
2) Low VF
3) High reliability
Construction
Silicon epitaxial planar
Dimensions (Unit : mm)
Land size figure (Unit : mm)
Structure
Taping specifications (Unit : mm)
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
VR
V
Io
mA
IFSM
mA
Tj
Tstg
Forward current surge peak (60Hz・1cyc)
500
150
Junction temperature
Storage temperature
Parameter
Reverse voltage (DC)
Average rectified forward current
-40 to +150
Limits
30
100
Electrical characteristic (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
VF
--
0.37
V
IF=10mA
IR
--
7
µA
VR=10V
Reverse current
Parameter
Conditions
GMD2
0.31
0.3±0.05
0.3±0.03
0~0.03
0.27±0.03
D
JEDEC : -
ROHM : GMD2
JEITA : -
dot(year week factory)


Similar Part No. - RB521ZS-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB521ZS-30 ROHM-RB521ZS-30 Datasheet
81Kb / 2P
   Schottky Barrier Diode
RB521ZS-30 ROHM-RB521ZS-30 Datasheet
155Kb / 4P
   Schottky Barrier Diode
RB521ZS-30 ROHM-RB521ZS-30 Datasheet
1Mb / 8P
   Schottky Barrier Diode
RB521ZS-30 ROHM-RB521ZS-30_1 Datasheet
155Kb / 4P
   Schottky Barrier Diode
RB521ZS-30 ROHM-RB521ZS-30_16 Datasheet
1Mb / 8P
   Schottky Barrier Diode
More results

Similar Description - RB521ZS-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com