Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812L160 Datasheet(PDF) 1 Page - Littelfuse

Part # 1812L160
Description  POLY-FUSE짰 Resettable PTCs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1812L160 Datasheet(HTML) 1 Page - Littelfuse

  1812L160 Datasheet HTML 1Page - Littelfuse 1812L160 Datasheet HTML 2Page - Littelfuse 1812L160 Datasheet HTML 3Page - Littelfuse 1812L160 Datasheet HTML 4Page - Littelfuse 1812L160 Datasheet HTML 5Page - Littelfuse 1812L160 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
39
Revised: June 3, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc
Surface Mount > 1812L Series
1812L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/1812L.html for current information.
1812L Series
The 1812L Series PTC provides surface mount overcurrent
protection for applications where resettable protection is
desired.
Electrical Characteristics
Part Number
Marking
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
typ.
(W)
Max. Time To Trip
Resistance
Agency Approvals
Current
(A)
Time
(Sec.)
R
min
(Ω)
R
1max
(Ω)
1812L010
LF010
0.10
0.30
30
100
0.8
0.50
1.50
1.600
15.000
XX
1812L010/60
LF010-60
0.10
0.30
60
10
0.8
0.50
1.50
1.600
15.000
XX
1812L014
LF014
0.14
0.34
60
10
0.8
1.50
0.15
1.500
6.000
XX
1812L020
LF020
0.20
0.40
30
100
0.8
8.00
0.02
0.800
5.000
XX
1812L020/60
LF020-60
0.20
0.40
60
40
0.8
1.00
2.00
1.400
4.400
XX
1812L035/30
LF035-30
0.35
0.75
30
100
0.8
8.00
0.15
0.400
1.700
XX
1812L050 1
LF050
0.50
1.00
15
100
0.8
8.00
0.15
0.150
1.000
XX
1812L050/30
LF050-30
0.50
1.00
30
100
0.8
8.00
0.15
0.150
1.000
XX
1812L075 1
LF075
0.75
1.50
13.2
100
0.8
8.00
0.20
0.100
0.450
XX
1812L075/24
LF075-24
0.75
1.50
24
100
0.8
8.00
0.20
0.110
0.290
XX
1812L075/33
LF075-33
0.75
1.50
33
20
0.8
8.00
0.20
0.110
0.400
XX
1812L110 1
LF110
1.10
2.20
8
100
0.8
8.00
0.30
0.040
0.210
XX
1812L110/16
LF110-16
1.10
1.95
16
100
0.8
8.00
0.30
0.060
0.180
XX
1812L110/24
LF110-24
1.10
1.95
24
20
0.8
8.00
0.50
0.060
0.200
XX
1812L110/33
LF110-33
1.10
1.95
33
20
0.8
8.00
0.50
0.060
0.200
XX
1812L125/6
LF125-6
1.25
2.50
6
100
0.8
8.00
0.40
0.050
0.140
XX
1812L125/16
LF125
1.25
2.50
16
100
0.8
8.00
0.40
0.050
0.140
XX
1812L150 1
LF150
1.50
3.00
8
100
0.8
8.00
0.30
0.040
0.110
XX
1812L150/12
LF150-12
1.50
3.00
12
100
0.8
8.00
0.50
0.040
0.110
XX
1812L150/24
LF150-24
1.50
3.00
24
20
0.8
8.00
1.50
0.040
0.120
XX
1812L160 1
LF160
1.60
2.80
8
100
0.8
8.00
1.00
0.030
0.100
XX
1812L160/12
LF160-12
1.60
2.80
12
100
0.8
8.00
1.00
0.030
0.100
XX
1812L200TH 1
LF200
2.00
3.50
8
100
0.8
8.00
2.00
0.020
0.070
XX
1812L200/12
LF200-12
2.00
3.50
12
100
1.0
8.00
2.00
0.020
0.070
XX
1812L260TH 1
LF260
2.60
5.00
8
100
0.8
8.00
2.50
0.015
0.047
XX
1812L260/12
LF260-12
2.60
5.00
12
100
0.8
8.00
5.00
0.015
0.055
XX
1812L300
LF300
3.00
5.00
6
100
0.8
8.00
4.00
0.012
0.040
XX
Description
Applications
for motherboards and
peripherals
protection
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50119118
Features
temperature solders
hold
trip
V
max
max
max
P
d
min
1max
Caution:
1
–C
–C


Similar Part No. - 1812L160

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L160 LITTELFUSE-1812L160 Datasheet
154Kb / 2P
   Surface Mount PTC
1812L160 LITTELFUSE-1812L160 Datasheet
513Kb / 6P
   Surface Mount > 1812L Series
1812L160 LITTELFUSE-1812L160 Datasheet
958Kb / 7P
   POLY-FUSE Resettable PTCs
1812L160 LITTELFUSE-1812L160 Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
1812L160-C LITTELFUSE-1812L160-C Datasheet
411Kb / 6P
   POLYFUSE짰 Resettable PTCs Surface Mount
More results

Similar Description - 1812L160

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L025YR LITTELFUSE-1206L025YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1206L05015YR LITTELFUSE-1206L05015YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
250R120-R1ZR LITTELFUSE-250R120-R1ZR Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs
0603L004YR LITTELFUSE-0603L004YR_16 Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L014DR LITTELFUSE-1812L014DR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L020PR LITTELFUSE-1812L020PR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1206L075WR LITTELFUSE-1206L075WR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1210L010WR LITTELFUSE-1210L010WR Datasheet
802Kb / 6P
   POLY-FUSE짰 Resettable PTCs
0603L025YR LITTELFUSE-0603L025YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com