Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28C43D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28C43D
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28C43D Datasheet(HTML) 3 Page - Texas Instruments

  UCC28C43D Datasheet HTML 1Page - Texas Instruments UCC28C43D Datasheet HTML 2Page - Texas Instruments UCC28C43D Datasheet HTML 3Page - Texas Instruments UCC28C43D Datasheet HTML 4Page - Texas Instruments UCC28C43D Datasheet HTML 5Page - Texas Instruments UCC28C43D Datasheet HTML 6Page - Texas Instruments UCC28C43D Datasheet HTML 7Page - Texas Instruments UCC28C43D Datasheet HTML 8Page - Texas Instruments UCC28C43D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
UCC28C40, UCC28C41, UCC28C42, UCC28C43, UCC28C44, UCC28C45
UCC38C40, UCC38C41, UCC38C42, UCC38C43, UCC38C44, UCC38C45
SLUS458E -- AUGUST 2001 -- REVISED OCTOBER 2010
3
www.ti.com
electrical characteristics VDD = 15 V (See Note 1), RT =10kΩ,CT =3.3 nF,CVDD =0.1μF and no load
on the outputs, TA =--40°C to 105°C for the UCC28C4x and TA =0°Cto70°C for the UCC38C4x,
TA =TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reference Section
Output voltage, initial accuracy
TA =25°CIOUT =1mA
4.9
5.0
5.1
V
Line regulation
VDD =12Vto 18 V
0.2
20
mV
Load regulation
1mA to 20mA
3
25
mV
Temperature stability
SeeNote2
0.2
0.4
mV/°C
Total output variation
SeeNote2
4.82
5.18
V
Output noise voltage
10 Hz to 10 kHz,
TA =25°C,
SeeNote2
50
μV
Long term stability
1000 hours,
TA = 125°C,
SeeNote2
5
25
mV
Output short circuit
–30
–45
–55
mA
Oscillator Section
Initial accuracy
TA =25°C,
SeeNote3
50.5
53
55
kHz
Voltage stability
VDD =12Vto 18 V
0.2%
1.0%
Temperature stability
TMIN to TMAX,See Note 2
1%
2.5%
Amplitude
RT/CT Pin peak-to-peak
1.9
V
Discharge current
TA =25°C,
RT/CT = 2 V,
See Note 4
7.7
8.4
9.0
mA
Discharge current
RT/CT = 2 V,
See Note 4
7.2
8.4
9.5
mA
Error Amplifier Section
Feedback input voltage, initial accuracy
VCOMP =2.5 V,
TA =25°C
2.475
2.500
2.525
V
Feedback input voltage, total variation
VCOMP =2.5 V,
2.45
2.50
2.55
V
Input bias current
VFB =5.0 V
–0.1
–2.0
μA
Open-loop voltage gain (AVOL)
VOUT =2Vto4V
65
90
dB
Unity gain bandwidth
SeeNote2
1.0
1.5
MHz
Power supply rejection ratio (PSRR)
VDD =12Vto 18 V
60
dB
Output sink current
VFB =2.7 V,
VCOMP =1.1 V
2
14
mA
Output source current
VFB =2.3 V,
VCOMP =5V
–0.5
–1.0
mA
High-level output voltage (VOH)
VFB =2.7 V,
RLOAD =15kto GND
5
6.8
V
Low-level output voltage (VOL)
VFB =2.7 V,
RLOAD = 15 k to VREF
0.1
1.1
V
Current Sense Section
Gain
SeeNote5,6
2.85
3.00
3.15
V/V
Maximum input signal
VFB <2.4 V
0.9
1.0
1.1
V
Power supply rejection ratio (PSRR)
VDD = 12 V to 18 V, See Note 2, 5
70
dB
Input bias current
–0.1
–2.0
μA
CS to output delay
35
70
ns
COMP to CS offset
VCS =0V
1.15
V
NOTE: 1. Adjust VDD above the start threshold before setting at 15 V.
NOTE: 2. Ensured by design. Not production tested.
NOTE: 3. Output frequencies of the UCC38C41, UCC38C44 and the UCC38C45 are half the oscillator frequency.
NOTE: 4. Oscillator discharge current is measured with RT =10kΩ to VREF.
NOTE: 5. Parameter measured at trip point of latch with VFB =0 V.
NOTE: 6. Gain is defined as ACS =
ΔVCOM
ΔVCS
,0V ≼ VCS ≼ 900mV


Similar Part No. - UCC28C43D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C43D TI-UCC28C43D Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C43D TI1-UCC28C43D Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DG4 TI1-UCC28C43DG4 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGK TI-UCC28C43DGK Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C43DGK TI1-UCC28C43DGK Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UCC28C43D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 47P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
UCC28C53 TI-UCC28C53_V01 Datasheet
3Mb / 48P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com