Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC37321PE4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC37321PE4
Description  SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC37321PE4 Datasheet(HTML) 2 Page - Texas Instruments

  UCC37321PE4 Datasheet HTML 1Page - Texas Instruments UCC37321PE4 Datasheet HTML 2Page - Texas Instruments UCC37321PE4 Datasheet HTML 3Page - Texas Instruments UCC37321PE4 Datasheet HTML 4Page - Texas Instruments UCC37321PE4 Datasheet HTML 5Page - Texas Instruments UCC37321PE4 Datasheet HTML 6Page - Texas Instruments UCC37321PE4 Datasheet HTML 7Page - Texas Instruments UCC37321PE4 Datasheet HTML 8Page - Texas Instruments UCC37321PE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
UCC27321 , UCC27322
UCC37321, UCC37322
SLUS504G – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
Using a design that inherently minimizes shoot-through current, the outputs of these can provide high gate drive
current where it is most needed at the Miller plateau region during the MOSFET switching transition. A unique
hybrid output stage paralleling bipolar and MOSFET transistors (TrueDrive) allows efficient current delivery at low
supply voltages.With this drive architecture, UCC37321/2/3 can be used in industry standard 6-A, 9-A and many
12-A driver applications. Latch up and ESD protection circuitries are also included. Finally, the UCC37321/2
provides an enable (ENBL) function to have better control of the operation of the driver applications. ENBL is
implemented on pin 3 which was previously left unused in the industry standard pin-out. It is internally pulled up
to Vdd for active high logic and can be left open for standard operation.
In addition to SOIC-8 (D) and PDIP-8 (P) package offerings, the UCC37321/2 also comes in the thermally
enhanced but tiny 8-pin MSOP PowerPAD™ (DGN) package. The PowerPAD™ package drastically lowers the
thermal resistance to extend the temperature operation range and improve the long-term reliability.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
UCCx732x
UNIT
Supply voltage, VDD
-–0.3 to 16
V
Output current (OUT) DC, IOUT_DC
0.6
A
–0.3 V to 6 V or VDD+0.3
Input voltage (IN), VIN
(whichever is larger)
V
–0.3 V to 6 V or VDD+0.3
Enable voltage (ENBL)
(whichever is larger)
D package
650
mW
Power dissipation at TA = 25°C
DGN package
3
W
P package
350
mW
Junction operating temperature, TJ
–55 to 150
°C
Storage temperature, Tstg
–65 to 150
°C
Lead temperature (soldering, 10 sec.)
300
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal.
ORDERING INFORMATION
PACKAGED DEVICES
OUTPUT
TEMPERATURE
MSOP-8 PowerPAD
CONFIGURATION
RANGE TA = TJ
SOIC-8 (D)(1)
PDIP-8 (P)
(DGN)(1)
–40°C to +105°C
UCC27321D
UCC27321DGN
UCC27321P
Inverting
0°C to +70°C
UCC37321D
UCC37321DGN
UCC37321P
–40°C to +105°C
UCC27322D
UCC27322DGN
UCC27322P
NonInverting
0°C to +70°C
UCC37322D
UCC37322DGN
UCC37322P
(1)
D (SOIC–8) and DGN (PowerPAD–MSOP) packages are available taped and reeled. Add R suffix to device type (e.g. UCC37321DR,
UCC37322DGNR) to order quantities of 2,500 devices per reel.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: UCC27321 UCC27322 UCC37321 UCC37322


Similar Part No. - UCC37321PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC37321PE4 TI-UCC37321PE4 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC37321PE4 TI1-UCC37321PE4 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
More results

Similar Description - UCC37321PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com