Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC37321DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC37321DR
Description  SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC37321DR Datasheet(HTML) 4 Page - Texas Instruments

  UCC37321DR Datasheet HTML 1Page - Texas Instruments UCC37321DR Datasheet HTML 2Page - Texas Instruments UCC37321DR Datasheet HTML 3Page - Texas Instruments UCC37321DR Datasheet HTML 4Page - Texas Instruments UCC37321DR Datasheet HTML 5Page - Texas Instruments UCC37321DR Datasheet HTML 6Page - Texas Instruments UCC37321DR Datasheet HTML 7Page - Texas Instruments UCC37321DR Datasheet HTML 8Page - Texas Instruments UCC37321DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
20%
80%
80%
VIN_H
VIN_L
tD3
tD4
t
t
R
F
0V
5V
0V
ENBL
OUT
VDD
0V
5V
0V
IN
OUT
20%
80%
80%
20%
80%
80%
OUT
(a)
( b)
VTH
VTH
VDD
tD1
tD2
t
t
F
R
IN
VTH
tD1
tD2
t
t
V
R
F
TH
UCC27321 , UCC27322
UCC37321, UCC37322
SLUS504G – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
A.
The 20% and 80% thresholds depict the dynamics of the BiPolar output devices that dominate the power MOSFET
transition through the Miller regions of operation.
Figure 1. Switching Waveforms for (a) Inverting Input to (b) Output Times
A.
The 20% and 80% thresholds depict the dynamics of the BiPolar output devices that dominate the power MOSFET
transition through the Miller regions of operation.
Figure 2. Switching Waveform for Enable to Output
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: UCC27321 UCC27322 UCC37321 UCC37322


Similar Part No. - UCC37321DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC37321DR TI-UCC37321DR Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC37321DR TI1-UCC37321DR Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC37321DRG4 TI-UCC37321DRG4 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC37321DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com