Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3973PW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3973PW
Description  BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3973PW Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC3973PW Datasheet HTML 7Page - Texas Instruments UCC3973PW Datasheet HTML 8Page - Texas Instruments UCC3973PW Datasheet HTML 9Page - Texas Instruments UCC3973PW Datasheet HTML 10Page - Texas Instruments UCC3973PW Datasheet HTML 11Page - Texas Instruments UCC3973PW Datasheet HTML 12Page - Texas Instruments UCC3973PW Datasheet HTML 13Page - Texas Instruments UCC3973PW Datasheet HTML 14Page - Texas Instruments UCC3973PW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
UCC1972/3
UCC2972/3
UCC3972/3
Referring to Fig. 5, at time t0 the
control signal is
brought low and the voltage in the resonant tank begins
to build. At time t1 there is sufficient voltage for the
lamp to strike and the feedback loop controls the lamp
at rated current using a fixed current sense resistor.
When the LFD signal is brought low at time T2, the
COMP output is low and the OUT pin stops switching.
The resonant tank voltage decays until the lamp extin-
guishes. If the on time were extended to t3 the average
lamp intensity would be increased accordingly, the next
low frequency cycle begins at time t4.
The time relationship between the resonant and gating
frequency has been exaggerated so that the sinusoidal
waveforms can be depicted. In order to avoid visible
lamp flicker, the low frequency gating rate (t0-t4) should
be greater than 100Hz. To prevent “beat” frequency in-
terference, it may be advantageous to synchronize the
gating frequency to a multiple of the monitor scan rate
of the LCD display. This can be accomplished by con-
trolling the duty cycle with a timer routine within the LCD’s
software program.
LFD waveforms at 200Hz and 50% duty cycle are shown
in Fig. 6a. Fig. 6b show a time expanded photo of the
same waveforms. Channel 1 is lamp voltage at 500V /div,
Channel 2 is lamp current at 20mA / div, and Channel 3 is
the LFD control voltage. Since the photos are from a digi-
tal oscilloscope, alias exists in the waveforms.
Lamp Current Control Loop
The current control loop for the CCFL circuit is discussed
in detail in Unitrode Application Note U-148 and is briefly
repeated here for completeness. A block diagram for the
current control loop is shown in Fig. 7.
The PWM modulator small signal gain is inversely propor-
tional to the internal saw tooth ramp and proportional to
the input voltage (the inductor’s current slope increases as
VBAT increases). The resonant tank and buck inductor
form a RLC filter at the center point of the push pull trans-
former. The effective L of the filter is dominated by buck in-
ductor and the effective C is approximately 8 times the
resonant capacitor (CRES) value. This occurs because the
reflected ballast capacitance is equal to CRES and the
equivalent capacitance at the push-pull center point is four
times the capacitance across the tank. The equivalent re-
sistance at the push-pull center point is equal to ¼ the
tank voltage squared divided by the lamp power. The cor-
ner frequency and Q of the filter are:
F
LC
CORNER
BUCK
RES
=
··
1
28
p
(13)
Q
FL
R
FILTER BUCK
FILTER
=
2p
(14)
APPLICATION INFORMATION (cont.)
LAMP
VOLTAGE
LAMP
CURRENT
LFD
CONTROL
SIGNAL
t0 t1
t2
t3
t4
ON
OFF
5V
0V
Figure 5. Low frequency dimming timing waveforms.
Figure 6a. LFD at 50% duty cycle.
Figure 6b. Time expanded showing lamp strike and
feedback delay.


Similar Part No. - UCC3973PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3973PW TI1-UCC3973PW Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC3973PWG4 TI1-UCC3973PWG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC3973PWTR TI1-UCC3973PWTR Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
More results

Similar Description - UCC3973PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
logo
Texas Instruments
UCC2974 TI1-UCC2974 Datasheet
229Kb / 14P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
UCC3974 TI-UCC3974 Datasheet
210Kb / 12P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
logo
Dallas Semiconductor
DS3984 DALLAS-DS3984 Datasheet
790Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
logo
Maxim Integrated Produc...
DS3988 MAXIM-DS3988 Datasheet
778Kb / 23P
   8-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 4/05
DS3984 MAXIM-DS3984 Datasheet
508Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 1; 5/07
DS3994 MAXIM-DS3994 Datasheet
537Kb / 28P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com