Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC5-HTCOMP-NLTL Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC5-HTCOMP-NLTL
Description  SPC5 HighTec GNU ?쏞??compiler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC5-HTCOMP-NLTL Datasheet(HTML) 1 Page - STMicroelectronics

  SPC5-HTCOMP-NLTL Datasheet HTML 1Page - STMicroelectronics SPC5-HTCOMP-NLTL Datasheet HTML 2Page - STMicroelectronics SPC5-HTCOMP-NLTL Datasheet HTML 3Page - STMicroelectronics SPC5-HTCOMP-NLTL Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
April 2013
DocID024434 Rev 1
1/4
www.st.com
SPC5-HTCOMP-NLTL
SPC5 HighTec GNU “C” compiler
Data brief
Features
HighTec's highly optimized C/C++ compiler
with multi-architecture and multi-core
support
Both Standard Eclipse and SPC5 Studio IDE
plugin with extended project settings and
graphical interface for linker description
configuration
Supports SPC56 and SPC57 automotive
product family, including:
BookE, VLE, FPU, SPE and LSP
GTM/MCS
Multi-core
Position Independent Code (PIC) and
Data (PID)
Compliant with ISO and EABI standards
Latest optimization strategies
Small Data Pointer functionality: about
20% code and run-time improvement
Global optimization strategies
Module-based grouping of data to
minimize load address operation
Options per file and source code
fragments
Optimized for Auto-Coding
Open Source libraries
Support and maintenance service provided
through STMicroelectronics
® first line
support
Description
The HighTec compiler supports the full SPC56x
and SPC57x product families.
The compiler is a building block of the ST
automotive 32-bit microprocessor tool chain that
includes a dedicated debugger and an evaluation
boards set.
SPC5 Studio HighTec GNU “C” compiler is
available for 30 days free trial, full feature.
One year license can be ordered directly from ST
or ST franchised distributors.
SPC5 Studio can be downloaded at URL:
www.st.com/spc5studio.
An E2E community is available on ST WEB at
URL my.st.com/public/STe2ecommunities.
Table 1: Device summary
Order code
Reference
SPC5-HTCOMP-NLTL
1 year HighTec GNU ”C”
compiler License


Similar Part No. - SPC5-HTCOMP-NLTL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC5-STUDIO STMICROELECTRONICS-SPC5-STUDIO Datasheet
1Mb / 8P
   MCU discovery board for SPC5 Chorus 1M automotive microcontroller
Rev 1 - February 2020
SPC5-STUDIO STMICROELECTRONICS-SPC5-STUDIO Datasheet
5Mb / 4P
   MCU discovery board for SPC5 Chorus 4M automotive microcontroller with CAN
Rev 1 - April 2019
SPC5-STUDIO STMICROELECTRONICS-SPC5-STUDIO Datasheet
5Mb / 11P
   Power liftgate controller board based on L99DZ200G multioutput driver and SPC582B60E1 Chorus 1M microcontroller
Rev 1 - May 2022
SPC5-STUDIO STMICROELECTRONICS-SPC5-STUDIO Datasheet
3Mb / 10P
   Predefined gesture detection system based on FlightSense technology sensors
Rev 1 - May 2022
SPC5-UDEDEBG STMICROELECTRONICS-SPC5-UDEDEBG Datasheet
85Kb / 4P
   SPC5-UDESTK JTAG debugger license for SPC5 MCUs
November 2016 Rev 6
More results

Similar Description - SPC5-HTCOMP-NLTL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC5-UDEDEBG STMICROELECTRONICS-SPC5-UDEDEBG Datasheet
85Kb / 4P
   SPC5-UDESTK JTAG debugger license for SPC5 MCUs
November 2016 Rev 6
logo
Renesas Technology Corp
R20UT2869EJ0100 RENESAS-R20UT2869EJ0100 Datasheet
108Kb / 9P
   Compiler CA78K0R
logo
STMicroelectronics
AN3350 STMICROELECTRONICS-AN3350 Datasheet
1Mb / 185P
   eTPU compiler tools
logo
Microchip Technology
XC8 MICROCHIP-XC8 Datasheet
6Mb / 606P
   MPLAB짰 XC8 C Compiler
11/07/16
PIC16LF18854 MICROCHIP-PIC16LF18854 Datasheet
6Mb / 668P
   C Compiler Optimized RISC Architecture
07/14/15
logo
STMicroelectronics
AN3348 STMICROELECTRONICS-AN3348 Datasheet
81Kb / 10P
   Porting eTPU code to eTPU compiler
logo
NEC
CC78K0S NEC-CC78K0S Datasheet
1Mb / 520P
   C Compiler Ver.1.30 or Later Language
logo
STMicroelectronics
AEK-MCU-C1MLIT1 STMICROELECTRONICS-AEK-MCU-C1MLIT1 Datasheet
1Mb / 8P
   MCU discovery board for SPC5 Chorus 1M automotive microcontroller
Rev 1 - February 2020
logo
ATMEL Corporation
AVR32795 ATMEL-AVR32795 Datasheet
228Kb / 22P
   Using the GNU Linker Scripts on AVR UC3 Devices
logo
Maxim Integrated Produc...
MAXQ1740 MAXIM-MAXQ1740 Datasheet
821Kb / 3P
   Magnetic Card Reader Security Microcontroller Optimized for C-Compiler
Rev 0; 6/11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com