Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28503DWG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC28503DWG4
Description  BiCMOS PFC/PWM COMBINATION CONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28503DWG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28503DWG4 Datasheet HTML 4Page - Texas Instruments UCC28503DWG4 Datasheet HTML 5Page - Texas Instruments UCC28503DWG4 Datasheet HTML 6Page - Texas Instruments UCC28503DWG4 Datasheet HTML 7Page - Texas Instruments UCC28503DWG4 Datasheet HTML 8Page - Texas Instruments UCC28503DWG4 Datasheet HTML 9Page - Texas Instruments UCC28503DWG4 Datasheet HTML 10Page - Texas Instruments UCC28503DWG4 Datasheet HTML 11Page - Texas Instruments UCC28503DWG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
UCC28500, UCC28501, UCC28502, UCC28503
UCC38500, UCC38501, UCC38502, UCC38503
SLUS419C − AUGUST 1999 − REVISED NOVEMBER 2001
8
www.ti.com
block diagram
UDG−98189
VREF
20
14
12
11
9
4
17
16
GT1
PWRGND
ISENSE1
VCC
OVP/ENBL
VAOUT
1.9 V
PKLMT
7.5 V
REFERENCE
UVLO
16 V/10 V
10.5 V/10 V
VCC
15
OSCILLATOR
2
RT
5
CT
S
Q
R
PWM
LATCH
CAOUT
SS2
VOLTAGE
ERROR AMP
8.0 V
13
1
3
VSENSE
VFF
19
IAC
18
MOUT
MIRROR
2:1
7.5 V
ENABLE
PFCOVP
÷
X
X
MULT
CLK1
CURRENT
AMP
6.75 V
6
GND
10
GT2
VCC
7
8
CLK2
1.5 V
R
I
LIMIT
CLK2
OSC
CLK1
CLK2
VERR
ISENSE2
I
LIMIT
S
Q
UVLO2
PWM
0.33 V
(V
FF
)
2
ZERO
POWER
SECOND STAGE
SOFT START
+
+
PWM
+
+
+
+
+
+
+
+
4.5 V
PWM 2ND STAGE
SECTION
PFC SECTION
PWM 2ND STAGE
SECTION
PFC SECTION
1.3 V
R
R


Similar Part No. - UCC28503DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28503DW TI-UCC28503DW Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC28503DWTR TI-UCC28503DWTR Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results

Similar Description - UCC28503DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com