Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2973PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2973PW
Description  BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2973PW Datasheet(HTML) 5 Page - Texas Instruments

  UCC2973PW Datasheet HTML 1Page - Texas Instruments UCC2973PW Datasheet HTML 2Page - Texas Instruments UCC2973PW Datasheet HTML 3Page - Texas Instruments UCC2973PW Datasheet HTML 4Page - Texas Instruments UCC2973PW Datasheet HTML 5Page - Texas Instruments UCC2973PW Datasheet HTML 6Page - Texas Instruments UCC2973PW Datasheet HTML 7Page - Texas Instruments UCC2973PW Datasheet HTML 8Page - Texas Instruments UCC2973PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
UCC1972/3
UCC2972/3
UCC3972/3
UDG-98154
*MODE
Output
Open Lamp
Detection
S2
Error Amplifier Output
S1
<1V
OFF
DISABLED
OPEN
DISCONNECTED FROM COMP
OPEN
1V< MODE< 3V
ON
DISABLED
OPEN
CONNECTED TO COMP
CLOSED
>3V
ON
ENABLED
CLOSED
CONNECTED TO COMP
CLOSED
8
5
3
4
2
1
7
6
VDD
20µA
+
+
1.5V
ERROR
AMPLIFIER
S1
R
Q
S
R
Q
S
+
+
1.0V
7.0V
SYNC
OUT
RAMP
0.2V
OSCILLATOR
*MODE
SELECT
UVLO
4.0V/3.8V
3V REF
VREF
UVLO=1
3BIT
UP-DOWN
COUNTER
S2
FROM MODE SELECT
OPEN LAMP DETECT
COMPARATOR
ZERO DETECT
COMPARATOR
UVLO
PWM
UVLO
OUTPUT OFF
(FROM MODE SELECT)
VDD
MODE
COMP
FB
GND
OUT
BUCK
VDD
VBAT
18V
+
TO S3
OVER-VOLTAGE
CLAMP COMPARATOR
S3
(ALWAYS OPEN ON UCC3972)
FROM
CLAMP
COMP
ICLAMP
9.0V
BLOCK DIAGRAM
Introduction
Cold Cathode Fluorescent Lamps (CCFL) are frequently
used as the backlight source for Liquid Crystal Displays
(LCDs). These displays are found in numerous applica-
tions such as notebook computers, portable instrumenta-
tion,
automotive
displays,
and
retail
terminals.
Fluorescent lamps provide superior light output effi-
ciency, making their use ideal for power sensitive porta-
ble applications where the backlight circuit can consume
a significant portion of the battery’s capacity. The
backlight converter must produce the high voltage
needed to strike and operate the lamp. Although CCFLs
can be operated with a DC voltage, a symmetrical AC
operating voltage is recommended to maintain the rated
life of the lamp. Sinusiodal voltage and current lamp
waveforms are also recommended to achieve optimal
electrical to light conversion and to reduce high voltage
electromagnetic interference (EMI). A topology that pro-
vides these requirements while maintaining efficient op-
eration is presented below.
APPLICATION INFORMATION


Similar Part No. - UCC2973PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2973PW TI1-UCC2973PW Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC2973PWG4 TI1-UCC2973PWG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC2973PWTR TI1-UCC2973PWTR Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC2973PWTRG4 TI1-UCC2973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
More results

Similar Description - UCC2973PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
logo
Texas Instruments
UCC2974 TI1-UCC2974 Datasheet
229Kb / 14P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
UCC3974 TI-UCC3974 Datasheet
210Kb / 12P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
logo
Dallas Semiconductor
DS3984 DALLAS-DS3984 Datasheet
790Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
logo
Maxim Integrated Produc...
DS3988 MAXIM-DS3988 Datasheet
778Kb / 23P
   8-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 4/05
DS3984 MAXIM-DS3984 Datasheet
508Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 1; 5/07
DS3994 MAXIM-DS3994 Datasheet
537Kb / 28P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com