Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFB3946 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FFB3946
Description  NPN & PNP General Purpose Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFB3946 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FFB3946 Datasheet HTML 1Page - Fairchild Semiconductor FFB3946 Datasheet HTML 2Page - Fairchild Semiconductor FFB3946 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
OFF CHARACTERISTICS
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain - Bandwidth Product
IC = 10 mA, VCE = 20 V,
f = 100 MHz
200
MHz
Cobo
Output Capacitance
VCB = 5.0 V, f = 100 kHz
4.5
pF
Cibo
Input Capacitance
VCB = 5.0 V, f = 100 kHz
10
pF
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC = 10 mA, IB = 0
40
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, IE = 0
40
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
5.0
V
ICBO
Collector Cutoff Current
VCB = 30 V, IE = 0
50
nA
IEBO
Emitter Cutoff Current
VEB = 4.0 V, IC = 0
50
nA
hFE
DC Current Gain
IC = 100
µA, VCE = 1.0 V
IC = 1.0 mA, VCE = 1.0 V
IC = 10 mA, VCE = 1.0 V
IC = 50 mA, VCE = 1.0 V
IC = 100mA, VCE = 1.0 V
40
70
100
60
30
300
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
0.25
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
0.9
V
NOTE: All voltages (V) and currents (A) are negative polarity for PNP transistors.
NPN & PNP General Purpose Amplifier
(continued)


Similar Part No. - FFB3946

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FFB3946D FS-FFB3946D Datasheet
234Kb / 12P
   Dual General Purpose Transistors
FFB3946DW1T1G FS-FFB3946DW1T1G Datasheet
234Kb / 12P
   Dual General Purpose Transistors
FFB3946DW1T3G FS-FFB3946DW1T3G Datasheet
234Kb / 12P
   Dual General Purpose Transistors
More results

Similar Description - FFB3946

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFB2227A FAIRCHILD-FFB2227A Datasheet
43Kb / 3P
   NPN & PNP General Purpose Amplifier
logo
Unisonic Technologies
MMDT2227 UTC-MMDT2227_15 Datasheet
185Kb / 5P
   NPN & PNP GENERAL PURPOSE AMPLIFIER
MMDT2907A UTC-MMDT2907A Datasheet
137Kb / 4P
   NPN & PNP GENERAL PURPOSE AMPLIFIER
MMDT2227 UTC-MMDT2227 Datasheet
127Kb / 3P
   NPN & PNP GENERAL PURPOSE AMPLIFIER
logo
ON Semiconductor
FFB2227A ONSEMI-FFB2227A Datasheet
316Kb / 6P
   NPN & PNP General-Purpose Amplifier
November-2017, Rev. 2 1
logo
Fairchild Semiconductor
MMPQ6700 FAIRCHILD-MMPQ6700 Datasheet
185Kb / 6P
   Quad NPN & PNP General Purpose Amplifier
MMPQ6502 FAIRCHILD-MMPQ6502 Datasheet
195Kb / 6P
   Quad NPN & PNP General Purpose Amplifier
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com