Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27321DGNRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC27321DGNRG4
Description  SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27321DGNRG4 Datasheet(HTML) 5 Page - Texas Instruments

  UCC27321DGNRG4 Datasheet HTML 1Page - Texas Instruments UCC27321DGNRG4 Datasheet HTML 2Page - Texas Instruments UCC27321DGNRG4 Datasheet HTML 3Page - Texas Instruments UCC27321DGNRG4 Datasheet HTML 4Page - Texas Instruments UCC27321DGNRG4 Datasheet HTML 5Page - Texas Instruments UCC27321DGNRG4 Datasheet HTML 6Page - Texas Instruments UCC27321DGNRG4 Datasheet HTML 7Page - Texas Instruments UCC27321DGNRG4 Datasheet HTML 8Page - Texas Instruments UCC27321DGNRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
1
2
3
4
8
7
6
5
VDD
IN
ENBL
AGND
VDD
OUT
OUT
PGND
PDIP (P) PACKAGE
(TOP VIEW)
SOIC (D) OR MSOP (DGN) PACKAGE
(TOP VIEW)
VDD
OUT
OUT
PGND
8
7
6
5
1
2
3
4
VDD
IN
ENBL
AGND
UCC27321 , UCC27322
UCC37321, UCC37322
www.ti.com
SLUS504G – SEPTEMBER 2002 – REVISED MAY 2013
PIN CONFIGURATIONS
POWER DISSIPATION RATING TABLE
Power Rating
Derating Factor
PACKAGE
SUFFIX
θjc (°C/W)
θja (°C/W)
(mW)
Above
TA = 70°C
(1)
70°C (mW/°C)(1)
SOIC-8
D
42
84 – 160(2)
344 – 655(2)
6.25 – 11.9(2)
PDIP-8
P
49
110
500
9
MSOP PowerPAD-8
DGN
4.7
50 – 59
1370
17.1
(1)
125°C operating junction temperature is used for power rating calculations
(2)
The range of values indicates the effect of pc-board. These values are intended to give the system designer an indication of the best
and worst case conditions. In general, the system designer should attempt to use larger traces on the pc-board where possible in order
to spread the heat away form the device more effectively. For additional information on device temperature management, please refer to
Packaging Information section of the Power Supply Control Products Data Book, (Ti Literature Number SLUD003).
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
The AGND and the PGND should be connected by a single thick trace directly under the device.
There should be a low ESR, low ESL capacitor of 0.1 µF between VDD (pin 8) and PGND and a
seperate 0.1-µF capacitor between VDD (pin 1) and AGND. The power MOSFETs should be located
AGND
4
on the PGND side of the device while the control circuit should be on the AGND side of the device.
The control circuit ground should be common with the AGND while the PGND should be common
with the source of the power FETs.
Enable input for the driver with logic compatible threshold and hysteresis. The driver output can be
ENBL
3
I
enabled and disabled with this pin. It is internally pulled up to VDD with 100-kΩ resistor for active high
operation. The output state when the device is disabled will be low regardless of the input state.
IN
2
I
Input signal of the driver which has logic compatible threshold and hysteresis.
Driver outputs that must be connected together externally. The output stage is capable of providing
OUT
6, 7
O
9-A peak drive current to the gate of a power MOSFET.
Common ground for output stage. This ground should be connected very closely to the source of the
PGND
5
power MOSFET which the driver is driving. Grounds are separated to minimize ringing affects due to
output switching di/dt which can affect the input threshold.
Supply voltage and the power input connections for this device. Three pins must be connected
VDD
1, 8
I
together externally.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCC27321 UCC27322 UCC37321 UCC37322


Similar Part No. - UCC27321DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27321DGNRG4 TI-UCC27321DGNRG4 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC27321DGNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321 Datasheet
357Kb / 21P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com