Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2889DTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2889DTR
Description  Off-line Power Supply Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2889DTR Datasheet(HTML) 1 Page - Texas Instruments

  UCC2889DTR Datasheet HTML 1Page - Texas Instruments UCC2889DTR Datasheet HTML 2Page - Texas Instruments UCC2889DTR Datasheet HTML 3Page - Texas Instruments UCC2889DTR Datasheet HTML 4Page - Texas Instruments UCC2889DTR Datasheet HTML 5Page - Texas Instruments UCC2889DTR Datasheet HTML 6Page - Texas Instruments UCC2889DTR Datasheet HTML 7Page - Texas Instruments UCC2889DTR Datasheet HTML 8Page - Texas Instruments UCC2889DTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Off-line Power Supply Controller
Transformerless Off-line
Applications
Ideal Primary-side Bias Supply
Efficient BiCMOS Design
Wide Input Range
Fixed or Adjustable
Low Voltage Output
Uses Low Cost SMD Inductors
Short Circuit Protected
Optional Isolation Capability
The UCC1889 controller is optimized for use as an off-line, low power, low voltage,
regulated bias supply. The unique circuit topology utilized in this device can be
visualized as two cascaded flyback converters, each operating in the discontinu-
ous mode, and both driven from a single external power switch. The significant
benefit of this approach is the ability to achieve voltage conversion ratios of 400V
to 12V with no transformer and low internal losses.
The control algorithm utilized by the UCC1889 is to force the switch on time to be
inversely proportional to the input line voltage while the switch off time is made in-
versely proportional to the output voltage. This action is automatically controlled by
an internal feedback loop and reference. The cascaded configuration allows a volt-
age conversion from 400V to 12V to be achieved with a switch duty cycle greater
than 10%. This topology also offers inherent short circuit protection since as the
output voltage falls to zero, the switch off time approaches infinity.
The output voltage can be easily set to 12V or 18V. Moreover, it can be pro-
grammed for other output voltages less than 18V with a few additional compo-
nents. An isolated version can be achieved with this topology as described further
in Unitrode Application Note U-149.
UCC1889
UCC2889
UCC3889
SLUS158A - FEBRUARY 1995 - REVISED FEBRUARY 2003
FEATURES
DESCRIPTION
OPERATION
With reference to the application diagram below, when input voltage is first applied,
the RON current into TON is directed to VCC where it charges the external capacitor,
C3, connected to VCC. As voltage builds on VCC, an internal undervoltage lockout
holds the circuit off and the output at DRIVE low until VCC reaches 8.4V. At this
time, DRIVE goes high turning on the power switch, Q1, and redirecting the current
into TON to the timing capacitor, CT. CT charges to a fixed threshold with a current
ICHG=0.8
• (VIN - 4.5V)/RON. Since DRIVE will only be high for as long as CT
charges, the power switch on time will be inversely proportional to line voltage.
This provides a constant line voltage-switch on time product.
Note: This device incorporates patented technology used under license from Lambda Electronics, Inc.
TYPICAL APPLICATION
UDG-93060-1


Similar Part No. - UCC2889DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2889 TI-UCC2889 Datasheet
454Kb / 7P
[Old version datasheet]   Off-line Power Supply Controller
UCC2889 TI1-UCC2889 Datasheet
1Mb / 15P
[Old version datasheet]   Transformerless Off-line
More results

Similar Description - UCC2889DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2888 TI1-UCC2888 Datasheet
350Kb / 9P
[Old version datasheet]   OFF-LINE POWER SUPPLY CONTROLLER
UCC1888 TI-UCC1888 Datasheet
299Kb / 6P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI-UCC1889 Datasheet
454Kb / 7P
[Old version datasheet]   Off-line Power Supply Controller
logo
Shenzhen Xinmao Microel...
LP3773 LANDP-LP3773 Datasheet
665Kb / 9P
   Low-Power off-line / PSR controller
logo
Linkage Goston Electron...
DK124 LINKAGE-DK124 Datasheet
4Mb / 7P
   24 W off-line switch power supply
LNK315D LINKAGE-LNK315D Datasheet
4Mb / 7P
   24 W off-line switch power supply
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com