Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2972 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2972
Description  BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2972 Datasheet(HTML) 4 Page - Texas Instruments

  UCC2972 Datasheet HTML 1Page - Texas Instruments UCC2972 Datasheet HTML 2Page - Texas Instruments UCC2972 Datasheet HTML 3Page - Texas Instruments UCC2972 Datasheet HTML 4Page - Texas Instruments UCC2972 Datasheet HTML 5Page - Texas Instruments UCC2972 Datasheet HTML 6Page - Texas Instruments UCC2972 Datasheet HTML 7Page - Texas Instruments UCC2972 Datasheet HTML 8Page - Texas Instruments UCC2972 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
UCC1972/3
UCC2972/3
UCC3972/3
BUCK: Senses the voltage on the top side of the induc-
tor feeding the resonant tank. The voltage at this point
is used to synchronize the internally generated ramp
and to detect whether an open lamp condition exists.
An open lamp condition exists when this voltage is be-
low the specified threshold for seven clock cycles. If the
MODE pin is held below the open lamp detect enable
threshold, this protective feature is disabled.
On the UCC3973, this pin is also used to sense an
over-voltage across the transformer primary. If the volt-
age at this pin exceeds the clamp threshold, current will
be sourced fron the FB pin.
COMP: Output of the error amplifier.Compensation
components set the bandwidth of the entire system and
are normally connected between COMP and FB. The
error amplifier averages lamp current against a fixed in-
ternal reference. The resulting voltage on the COMP
pin is compared to an internally generated ramp, set-
ting the PWM duty cycle. During UVLO, this pin is ac-
tively pulled low.
FB: This pin is the inverting input to the error amplifier.
On the UCC3973, current is sourced form this pin if the
clamp threshold is exceeded at the BUCK pin (see be-
low). The sourced current will reduce OUT duty cycle to
control transformer primary voltage. The source current
is disabled on the UCC3972.
GND: Ground reference for the IC.
MODE: The voltage on this pin is used to control start-up
and various modes of operation for the part (refer to the ta-
ble in the block diagram).
When the voltage is below 1V, OUT is forced low, open
lamp detection is disabled and the error amplifier is
tri-stated.
When the voltage is between 1V and 3V, OUT is enabled
and the error amplifier output is connected to COMP. Open
lamp detection is still disabled and a constant 20 A current
is sourced from this pin. Placing an appropriate value ex-
ternal capacitor between this pin and ground allows the
user to disable open lamp detection for a set period of time
at start-up to allow the lamp to strike.
When MODE reaches 3V, open lamp detection is enabled
and normal operation is activated.
OUT: Drives the buck regulator N-channel MOSFET. OUT
turn-on is synchronized to twice the tank resonant fre-
quency. OUT is actively pulled low when in UVLO, an
open lamp condition has been detected or MODE is less
than 1V.
VBAT: Positive input supply to power stage. This voltage is
required by internal control circuitry to provide open-lamp
detection and synchronization. Operating range is from
4.5V to 25V.
VDD: This pin connects to the battery voltage from which
the CCFL inverter will operate. If the potential on VBAT
can exceed 18V in the application, a series resistor must
be placed between VBAT and this pin (see applications
section). The voltage at the VDD pin will then be regulated
to 18V. This pin should be bypassed with a minimum ca-
pacitance of 0.1
mF.
PIN DESCRIPTIONS
0
200
400
600
800
8.7
9.2
9.7
VBAT -VBUCK
Clamp current vs. tank voltage for UCC3973.


Similar Part No. - UCC2972

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2972 TI-UCC2972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC2972PW TI1-UCC2972PW Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC2972PWG4 TI1-UCC2972PWG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
More results

Similar Description - UCC2972

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
logo
Texas Instruments
UCC2974 TI1-UCC2974 Datasheet
229Kb / 14P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
UCC3974 TI-UCC3974 Datasheet
210Kb / 12P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
logo
Dallas Semiconductor
DS3984 DALLAS-DS3984 Datasheet
790Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
logo
Maxim Integrated Produc...
DS3988 MAXIM-DS3988 Datasheet
778Kb / 23P
   8-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 4/05
DS3984 MAXIM-DS3984 Datasheet
508Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 1; 5/07
DS3994 MAXIM-DS3994 Datasheet
537Kb / 28P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com