Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC283T-3 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC283T-3
Description  LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC283T-3 Datasheet(HTML) 1 Page - Texas Instruments

  UCC283T-3 Datasheet HTML 1Page - Texas Instruments UCC283T-3 Datasheet HTML 2Page - Texas Instruments UCC283T-3 Datasheet HTML 3Page - Texas Instruments UCC283T-3 Datasheet HTML 4Page - Texas Instruments UCC283T-3 Datasheet HTML 5Page - Texas Instruments UCC283T-3 Datasheet HTML 6Page - Texas Instruments UCC283T-3 Datasheet HTML 7Page - Texas Instruments UCC283T-3 Datasheet HTML 8Page - Texas Instruments UCC283T-3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
UCC283-3, UCC283-5, UCC283-ADJ, UCC383-3, UCC383-5, UCC383-ADJ
LOW DROPOUT 3A LINEAR REGULATOR FAMILY
SLUS215B − OCTOBER 1998 − REVISED FEBRUARY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Precision Positive Linear Series Pass
Voltage Regulation
D 0.45 V Dropout at 3 A
D 50 mV Dropout at 10 mA
D Quiescent Current Under 650 µA
Irrespective of Load
D Adjustable (5-Lead) Output Voltage Version
D Fixed (3-Lead) Versions for 3.3-V and 5-V
Outputs
D Logic Shutdown Capability
D Short-Circuit Power Limit of
(3%
× VIN × ISHORT)
D Low VOUT to VIN Reverse Leakage
D Thermal Shutdown
description
The UCC283−3/−5/−ADJ family of positive linear
series pass voltage regulators are tailored for
low-drop-out applications where low quiescent
power is important. Fabricated with a BiCMOS
technology ideally suited for low input-to-output
differential applications, the UCC283−5 passes
3 A while requiring only 0.45 V of typical input
voltage headroom (ensured 0.6-V dropout).
These regulators include reverse voltage sensing that prevents current in the reverse direction. Quiescent
current is always less than 650
µA. These devices have been internally compensated in such a way that the
need for a minimum output capacitor has been eliminated.
UCC283−3 and UCC283−5 versions are in 3-lead packages and have preset outputs at 3.3 V and 5.0 V
respectively. The output voltage is regulated to 1.5% at room temperature. The UCC283−ADJ version, in a
5-lead package, regulates the output voltage programmed by an external resistor ratio.
Short-circuit current is internally limited. The device responds to a sustained overcurrent condition by turning
off after a tON time delay. The device then stays off for a period, tOFF, that is 32 times the tON delay. The device
then begins pulsing on and off at the tON/(tON+tOFF) duty cycle of 3%. This drastically reduces the power
dissipation during short-circuit and means heat sinks need only accommodate normal operation. On the
3-leaded versions of the device tON is fixed at 750 µs, on the adjustable 5-leaded versions an external capacitor
sets the on time. The off time is always 32
× tON. The external timing control pin, CT, on the 5-leaded versions
also serves as a shutdown input when pulled low.
Internal power dissipation is further controlled with thermal overload protection circuitry. Thermal shutdown
occurs if the junction temperature exceeds 165
°C. The chip remains off until the temperature has dropped 20°C.
The UCC283 series is specified for operation over the industrial range of −40
°C to 85°C, and the UCC383 series
is specified from 0
°C to 70°C. These devices are available in 3- and 5-pin TO−220 and TO−263 power packages.
Copyright
 1998−2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
VOUT
GND
2
3
VIN
4
5
ADJ
CT
TO−263−5 TD PACKAGE
(FRONT VIEW)
TO−220−5 T PACKAGE
(FRONT VIEW)
1
VOUT
GND
2
3
VIN
+
4
5
ADJ
CT
TO−220−3 T PACKAGE
(FRONT VIEW)
1
VOUT
GND
2
3
VIN
+
TO−263−3 TD PACKAGE
(FRONT VIEW)
1
VOUT
GND
2
3
VIN
All trademarks are the property of their respective owners.


Similar Part No. - UCC283T-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283T-3 TI-UCC283T-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283T-3 TI1-UCC283T-3 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC283T-3G3 TI1-UCC283T-3G3 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC283T-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283-3 TI-UCC283-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283 TI-UCC283 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC281-3 TI1-UCC281-3_09 Datasheet
279Kb / 12P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC281- TI-UCC281- Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com