Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC1972 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC1972
Description  BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC1972 Datasheet(HTML) 1 Page - Texas Instruments

  UCC1972_13 Datasheet HTML 1Page - Texas Instruments UCC1972_13 Datasheet HTML 2Page - Texas Instruments UCC1972_13 Datasheet HTML 3Page - Texas Instruments UCC1972_13 Datasheet HTML 4Page - Texas Instruments UCC1972_13 Datasheet HTML 5Page - Texas Instruments UCC1972_13 Datasheet HTML 6Page - Texas Instruments UCC1972_13 Datasheet HTML 7Page - Texas Instruments UCC1972_13 Datasheet HTML 8Page - Texas Instruments UCC1972_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
UCC1972/3
UCC2972/3
UCC3972/3
DESCRIPTION
Design goals for a Cold Cathode Fluorescent Lamp (CCFL) converter used
in a notebook computer or portable application include small size, high effi-
ciency, and low cost. The UCC3972/3 CCFL controllers provide the neces-
sary circuit blocks to implement a highly efficient CCFL backlight power
supply in a small footprint 8 pin TSSOP package. The BiCMOS controllers
typically consume less than 1mA of operating current, improving overall
system efficiency when compared to bipolar controllers requiring 5mA to
10mA of operating current.
External parts count is minimized and system cost is reduced by integrating
such features as a feedback controlled PWM driver stage, open lamp pro-
tection, startup delay and synchronization circuitry between the buck and
push-pull stages. The UCC3972/3 include an internal shunt regulator, al-
lowing the part to operate with input voltages from 4.5V up to 25V. The part
supports both analog and externally generated low frequency dimming
modes of operation.
The UCC3973 adds a programmable voltage clamp at the BUCK pin. This
feature can be used to protect the transformer from overvoltage during
startup or when an open lamp occurs. Transformer voltage is controlled by
reducing duty cycle when an over-voltage is detected.
BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
FEATURES
• 1mA Typical Supply Current
• Accurate Lamp Current Control
• Analog or Low Frequency Dimming
Capability
• Open Lamp Protection
• Programmable Startup Delay
• 4.5V to 25V Operation
• PWM Frequency Synchronized to
External Resonant Tank
• 8 Pin TSSOP and SOIC Packages
Available
• Internal Voltage Clamp Protects
Transformer from Over-voltage
(UCC3973)
SLUS252C - OCTOBER 1998 - REVISED MARCH 2005
3
8
6
5
VBAT
4
2
1
7
VDD
GND
MODE
COMP
BUCK
OUT
FB
C7
0.1µF
D1
R10
R11
Q3
C5 0.1µF
L1
68µH
R6 75Ω
Q2
R2 1k
T1
C6 27pF
LAMP
HV
LAMP
LV
R3 68k
D2
R5 10k
R4 750
ANALOG
DIMMING
DLFD
RLFD 68k
0V-5V LOW FREQUENCY CONTROL SIGNAL
C4 33nF
LOW FREQUENCY DIMMING
C2
1µF
R1
1kΩ
C1
6.8µF
SYSTEM VOLTAGE
(4.5V TO 25V)
C3
1µF
UCC3972
UCC3973
NO INTERNAL VOLTAGE CLAMP
INTERNAL VOLTAGE CLAMP LIMITS TRANSFORMER
VOLTAGE AT START-UP OR DURING FAULT
UCC3972/3
TYPICAL APPLICATION CIRCUIT
UDG-99154


Similar Part No. - UCC1972_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
More results

Similar Description - UCC1972_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
logo
Texas Instruments
UCC2974 TI1-UCC2974 Datasheet
229Kb / 14P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
UCC3974 TI-UCC3974 Datasheet
210Kb / 12P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
logo
Dallas Semiconductor
DS3984 DALLAS-DS3984 Datasheet
790Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
logo
Maxim Integrated Produc...
DS3988 MAXIM-DS3988 Datasheet
778Kb / 23P
   8-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 4/05
DS3984 MAXIM-DS3984 Datasheet
508Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 1; 5/07
DS3994 MAXIM-DS3994 Datasheet
537Kb / 28P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com