Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC383-3 Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC383-3
Description  LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC383-3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC383-3 Datasheet HTML 7Page - Texas Instruments UCC383-3 Datasheet HTML 8Page - Texas Instruments UCC383-3 Datasheet HTML 9Page - Texas Instruments UCC383-3 Datasheet HTML 10Page - Texas Instruments UCC383-3 Datasheet HTML 11Page - Texas Instruments UCC383-3 Datasheet HTML 12Page - Texas Instruments UCC383-3 Datasheet HTML 13Page - Texas Instruments UCC383-3 Datasheet HTML 14Page - Texas Instruments UCC383-3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
21-Apr-2012
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
UCC283T-3
ACTIVE
TO-220
KC
3
50
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
UCC283T-3G3
ACTIVE
TO-220
KC
3
50
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
UCC283T-5
ACTIVE
TO-220
KC
3
50
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
UCC283T-5G3
ACTIVE
TO-220
KC
3
50
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
UCC283T-ADJ
ACTIVE
TO-220
KC
5
50
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
UCC283T-ADJG3
ACTIVE
TO-220
KC
5
50
Green (RoHS
& no Sb/Br)
CU SN
N / A for Pkg Type
UCC283TD-ADJ
OBSOLETE
DDPAK/
TO-263
KTT
5
TBD
Call TI
Call TI
UCC283TDKTTT-3
ACTIVE
DDPAK/
TO-263
KTT
3
50
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
UCC283TDKTTT-3G3
ACTIVE
DDPAK/
TO-263
KTT
3
50
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
UCC283TDKTTT-5
ACTIVE
DDPAK/
TO-263
KTT
3
50
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
UCC283TDKTTT-5G3
ACTIVE
DDPAK/
TO-263
KTT
3
50
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
UCC283TDKTTT-ADJ
ACTIVE
DDPAK/
TO-263
KTT
5
50
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
UCC283TDKTTT-ADJG3
ACTIVE
DDPAK/
TO-263
KTT
5
50
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
UCC283TDTR-3
ACTIVE
DDPAK/
TO-263
KTT
3
500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
UCC283TDTR-3G3
ACTIVE
DDPAK/
TO-263
KTT
3
500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
UCC283TDTR-ADJ
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
UCC283TDTR-ADJG3
ACTIVE
DDPAK/
TO-263
KTT
5
500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR


Similar Part No. - UCC383-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC383-3 TI-UCC383-3 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC383-3 TI-UCC383-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC383-3 TI1-UCC383-3 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC383-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283-3 TI-UCC283-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283 TI-UCC283 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC281-3 TI1-UCC281-3_09 Datasheet
279Kb / 12P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC281- TI-UCC281- Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com