Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMB2907A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FMB2907A
Description  PNP Multi-Chip General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB2907A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMB2907A Datasheet HTML 1Page - Fairchild Semiconductor FMB2907A Datasheet HTML 2Page - Fairchild Semiconductor FMB2907A Datasheet HTML 3Page - Fairchild Semiconductor FMB2907A Datasheet HTML 4Page - Fairchild Semiconductor FMB2907A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
T
A
= 25°C unless otherwise noted
OFF CHARACTERISTICS
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain - Bandwidth Product
IC = 50 mA, VCE = 20 V,
f = 100 MHz
250
MHz
Cobo
Output Capacitance
VCB = 10 V, IE = 0,
f = 100 kHz
6.0
pF
Cibo
Input Capacitance
VEB = 2.0 V, IC = 0,
f = 100 kHz
12
pF
SWITCHING CHARACTERISTICS
ton
Turn-on Time
VCC = 30 V, IC = 150 mA,
30
ns
td
Delay Time
IB1 = 15 mA
8.0
ns
tr
Rise Time
20
ns
toff
Turn-off Time
VCC = 6.0 V, IC = 150 mA
80
ns
ts
Storage Time
IB1 = IB2 = 15 mA
60
ns
tf
Fall Time
20
ns
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
V(BR)CEO
Collector-Emitter Breakdown
Voltage*
IC = 10 mA, IB = 0
60
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, IE = 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
5.0
V
IB
Base Cutoff Current
VCB = 30 V, VEB = 0.5 V
50
nA
ICEX
Collector Cutoff Current
VCE = 30 V, VBE = 0.5 V
50
nA
ICBO
Collector Cutoff Current
VCB = 50 V, IE = 0
VCB = 50 V, IE = 0, TA = 125
°C
0.02
20
µA
µA
hFE
DC Current Gain
IC = 0.1 mA, VCE = 10 V
IC = 1.0 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 150 mA, VCE = 10 V*
IC = 500 mA, VCE = 10 V*
75
100
100
100
50
300
VCE(sat)
Collector-Emitter Saturation Voltage*
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.4
1.6
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA*
IC = 500 mA, IB = 50 mA
1.3
2.6
V
V
PNP Multi-Chip General Purpose Amplifier
(continued)


Similar Part No. - FMB2907A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB2907A FAIRCHILD-FMB2907A Datasheet
90Kb / 7P
   PNP Multi-Chip General Purpose Amplifier
More results

Similar Description - FMB2907A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMB200 FAIRCHILD-FMB200 Datasheet
50Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
BC857S FAIRCHILD-BC857S Datasheet
51Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
FFB3906 FAIRCHILD-FFB3906 Datasheet
81Kb / 6P
   PNP Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A_1 Datasheet
90Kb / 7P
   PNP Multi-Chip General Purpose Amplifier
FMBA56 FAIRCHILD-FMBA56 Datasheet
42Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
FJYF2906 FAIRCHILD-FJYF2906 Datasheet
141Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
FMB100 FAIRCHILD-FMB100 Datasheet
44Kb / 3P
   NPN Multi-Chip General Purpose Amplifier
logo
ON Semiconductor
FMBA06 ONSEMI-FMBA06 Datasheet
161Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
1998
logo
Fairchild Semiconductor
BC847BS FAIRCHILD-BC847BS Datasheet
199Kb / 3P
   NPN Multi-chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A_1 Datasheet
88Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com