Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28250PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28250PW
Description  Advanced PWM Controller With Pre-Bias Operation
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28250PW Datasheet(HTML) 5 Page - Texas Instruments

  UCC28250PW Datasheet HTML 1Page - Texas Instruments UCC28250PW Datasheet HTML 2Page - Texas Instruments UCC28250PW Datasheet HTML 3Page - Texas Instruments UCC28250PW Datasheet HTML 4Page - Texas Instruments UCC28250PW Datasheet HTML 5Page - Texas Instruments UCC28250PW Datasheet HTML 6Page - Texas Instruments UCC28250PW Datasheet HTML 7Page - Texas Instruments UCC28250PW Datasheet HTML 8Page - Texas Instruments UCC28250PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
UCC28250
www.ti.com
SLUSA29C
– APRIL 2010 – REVISED JULY 2011
ELECTRICAL CHARACTERISTICS
(1) (continued)
VDD = 12 V, 1-
µF capacitor from VDD and VREF to GND, TA = TJ = -40°C to 125°C, RT = 75 kΩ connected to ground to set
FSW = 200 kHz (unless otherwise noted).
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
OVP/OTP Comparator
VOVP
Internal reference
0.66
0.70
0.74
V
IOVP
Internal current
8.5
11.0
13.5
µA
Primary Outputs
Rise/fall time
CLOAD = 100 pF
8
ns
RSRC
Output source resistance
IOUT = 20 mA
12
20
35
Ω
RSNK
Output sink resistance
IOUT = 20 mA
4
12
30
Synchronous Rectifier Outputs
Rise/fall time
CLOAD = 100 pF
8
ns
IOUT = 20 mA, VDD = 12 V
12
20
35
RSRC
Output source resistance
IOUT = 20 mA, VDD = 5 V
15
25
45
Ω
RSNK
Output sink resistance
IOUT = 20 mA, VDD = 12 V
4
12
30
PS = VREF
-5.0
0
7.5
Primary off to secondary on
TDPS
PS = 27 k
Ω
27
40
50
ns
dead time
PS = 27 k
Ω, 25°C
37
40
43
SP = VREF
-5.0
0
7.5
Secondary off to primary on
TDSP
SP = 20 k
Ω
30
40
50
ns
dead time
SP = 20 k
Ω, 25°C
37
40
43
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UCC28250


Similar Part No. - UCC28250PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250PW TI-UCC28250PW Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PWR TI-UCC28250PWR Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PWR TI-UCC28250PWR Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PWT TI-UCC28250PWT Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results

Similar Description - UCC28250PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28251 TI-UCC28251_15 Datasheet
1Mb / 55P
[Old version datasheet]   UCC28251 Advanced PWM Controller With Prebias Operation
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com