Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3806DWTR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3806DWTR
Description  LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3806DWTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC3806DWTR Datasheet HTML 2Page - Texas Instruments UCC3806DWTR Datasheet HTML 3Page - Texas Instruments UCC3806DWTR Datasheet HTML 4Page - Texas Instruments UCC3806DWTR Datasheet HTML 5Page - Texas Instruments UCC3806DWTR Datasheet HTML 6Page - Texas Instruments UCC3806DWTR Datasheet HTML 7Page - Texas Instruments UCC3806DWTR Datasheet HTML 8Page - Texas Instruments UCC3806DWTR Datasheet HTML 9Page - Texas Instruments UCC3806DWTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
UCC1806
UCC2806
UCC3806
SLUS272F -- FEBRUARY 2000 -- REVISED AUGUST 2006
6
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
PACKAGES
I/O
DESCRIPTION
NAME
D/DW/J/M
/N/PW
L,Q
I/O
DESCRIPTION
AOUT
11
14
O
High current gate drive for the external MOSFETs
BOUT
14
18
O
High-current gate drive for the external MOSFETs
COMP
7
9
O
Output of the error amplifier
CS--
3
4
I
Inverting input of the 3×, differential current sense amplifier
CS+
4
5
I
Non-inverting input of the 3×, differential current sense amplifier
CT
8
10
I
Oscillator timing capacitor connection point
CURLIM
1
2
I
Programs the primary current limit threshold that determins latching or retry after an
overcurrent situation
GND
12
15
--
Reference ground and power ground for all functions of this device
INV
6
8
I
Inverting input of the error amplifier.
NI
5
7
I
Non-nverting input of the error amplifier.
RT
9
12
I
Connection point for the oscillator timing resistor
SHUTDOWN
16
20
I
Provided for enhanced protection. When SHUTDOWN is driven above 1 V, AOUT and
BOUT are forced low.
SYNC
10
13
I/O
Allows providing external synchronization with TTL compatible thresholds.
VC
13
17
I
Input supply connection for the FET drive outputs.
VIN
15
19
I
Input supply connection for this device.
VREF
2
3
O
Reference output.
DETAILED PIN DESCRIPTIONS
AOUT and BOUT: AOUT and BOUT provide alternating high current gate drive for the external MOSFETs. Duty
cycle can be varied from 0% to 50% where minimum dead time is a function of CT. Both outputs use MOS
transistor switches with inherent anti-parallel body diodes to clamp voltage swings to the supply rails, allowing
operation without the use of clamp diodes.
COMP: COMP is the output of the error amplifier and the input of the PWM comparator. The error amplifier is
a low output impedance, 2-MHz operational amplifier which allows sinking or sourcing of current at the COMP
pin. The error amplifier is internally current limited, so that zero duty cycle can be commanded by externally
forcingCOMPtoGND.
CS--: CS-- is the inverting input of the 3× differential current sense amplifier.
CS+: CS+ is the non-inverting input of the 3× differential current sense amplifier.
CT: CT is the oscillator timing capacitor connection point, which is charged by the current set by RT. CT is
discharged to GND through a 2.5-mA current sink. This causes a linear discharge of CT to 0 V which then
initiates the next switching cycle. Dead time occurs during the discharge of CT, forcing AOUT and BOUT low.
Switching frequency (fS) and dead time (tD) are approximated by:
fS =
1
1.96 × RT × CT + tD
and tD = 956 × CT
(1)


Similar Part No. - UCC3806DWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3806DWTR TI-UCC3806DWTR Datasheet
726Kb / 21P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC3806DWTR TI1-UCC3806DWTR Datasheet
1Mb / 33P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC3806DWTRG4 TI1-UCC3806DWTRG4 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UCC3806DWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2806 TI-UCC2806 Datasheet
726Kb / 21P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI1-UCC1806_16 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI-UCC1806 Datasheet
119Kb / 7P
[Old version datasheet]   Low Power, Dual Output, Current Mode PWM Controller
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
   Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
logo
Texas Instruments
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com