Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28089DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28089DR
Description  PRIMARY-SIDE PUSH-PULL OSCILLATOR WITH DEAD-TIME CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28089DR Datasheet(HTML) 3 Page - Texas Instruments

  UCC28089DR Datasheet HTML 1Page - Texas Instruments UCC28089DR Datasheet HTML 2Page - Texas Instruments UCC28089DR Datasheet HTML 3Page - Texas Instruments UCC28089DR Datasheet HTML 4Page - Texas Instruments UCC28089DR Datasheet HTML 5Page - Texas Instruments UCC28089DR Datasheet HTML 6Page - Texas Instruments UCC28089DR Datasheet HTML 7Page - Texas Instruments UCC28089DR Datasheet HTML 8Page - Texas Instruments UCC28089DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
UCC28089
SLUS623A -- SEPTEMBER 2004 -- REVISED AUGUST 2006
3
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature (unless otherwise noted)†}
PARAMETER
SYMBOL
RATING
UNITS
Supply voltage (IDD <10mA)
VDD
15
V
Supply current
IDD
20
mA
OUTA/OUTB sink current (peak)
IOUT(sink)
1.0
A
OUTA/OUTB source current (peak)
IOUT(source)
--0.5
A
SYNC sink current (peak)
50
mA
SYNC source current (peak)
--50
mA
Analog inputs (DIS, CT, CS)
--0.3toVDD + 0.3, not to exceed 5
V
Power dissipation at TA =25°C (D package)
650
mW
Power dissipation at TA =25°C (DRB package)
TBD
mW
Junction operating temperature
TJ
--55 to 150
Storage temperature
Tstg
--65 to 150
oC
Lead temperature (soldering, 10 sec.)
Tsol
+300
C
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute--maximum--rated conditions for extended periods may affect device reliability.
All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal. Consult Packaging Section of the Databook
for thermal limitations and considerations of packages.
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
MIN
TYP
MAX
UNITS
Supply voltage (IDD <10mA)
VDD
8.5
14
V
SYNC sink current (peak)
0
10
25
mA
SYNC source current (peak)
--25
--10
0
mA
Analog inputs (DIS, CT, CS)
0
4
V
Timing capacitor range
CT
100
100,000
pF
Timing charge resistor range
RA
32
750
kΩ
Discharge resistor range
RB
0
250
kΩ
Timing charge current
ICHG(RA+RB)
10
300
μA
Switching Frequency
fSW
1000
kHz
Junction temperature
TJ
--40
105
°C


Similar Part No. - UCC28089DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28089DRB TI-UCC28089DRB Datasheet
336Kb / 19P
[Old version datasheet]   PRIMARY-SIDE PUSH-PULL OSCILLATOR WITH DEAD-TIME CONTROL
More results

Similar Description - UCC28089DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28089 TI-UCC28089 Datasheet
336Kb / 19P
[Old version datasheet]   PRIMARY-SIDE PUSH-PULL OSCILLATOR WITH DEAD-TIME CONTROL
UCC28089 TI-UCC28089_15 Datasheet
700Kb / 23P
[Old version datasheet]   PRIMARY-SIDE PUSH-PULL OSCILLATOR WITH DEAD-TIME CONTROL
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Texas Instruments
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
ISL6745A INTERSIL-ISL6745A Datasheet
197Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
logo
Texas Instruments
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
logo
Monolithic Power System...
HR1001A MPS-HR1001A Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001B MPS-HR1001B Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com