Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28089DG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC28089DG4
Description  PRIMARY-SIDE PUSH-PULL OSCILLATOR WITH DEAD-TIME CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28089DG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC28089DG4 Datasheet HTML 3Page - Texas Instruments UCC28089DG4 Datasheet HTML 4Page - Texas Instruments UCC28089DG4 Datasheet HTML 5Page - Texas Instruments UCC28089DG4 Datasheet HTML 6Page - Texas Instruments UCC28089DG4 Datasheet HTML 7Page - Texas Instruments UCC28089DG4 Datasheet HTML 8Page - Texas Instruments UCC28089DG4 Datasheet HTML 9Page - Texas Instruments UCC28089DG4 Datasheet HTML 10Page - Texas Instruments UCC28089DG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
UCC28089
SLUS623A -- SEPTEMBER 2004 -- REVISED AUGUST 2006
7
www.ti.com
APPLICATION INFORMATION
The recommended oscillator frequency range is up to 1 MHz. In order to avoid noise issues, RA and RB should
be small enough for the oscillator to have at least 10 μA of current. There are two sets of oscillator programming
equations that model the oscillator over its wide programming range. Measure the charge and the discharge
times at the SYNC pin in order to avoid affecting the oscillator with probe impedances or output driver delays.
The approximate first order equations in the table are adequate for switching frequencies below 50 kHz and/or
discharge times that are greater than 1 μs. The specific requirements for using the first order equations versus
the second order equations are related to the timing capacitor size and the discharge resistor. Keep in mind that
the 1st order equations and 2nd order equations are merely approximations that are typically within +/--20% of
the actual operating point. The frequency, charge and discharge times are relatively insensitive to temperature
but larger values of CT and RB exhibit the least sensitivity to temperature. Incidentally, the second order
equations apply for the operating conditions that are in the Electrical Characteristics table. The oscillator
frequency is set according to the following equations:
1ST ORDER EQUATIONS
2ND ORDER EQUATIONS
Condition
RA > 300 kΩ AND CT > 300 pF
32 kΩ <RA < 300 kΩ OR 100 pF < CT < 300 pF
TCHARGE
0.169
RA+RBCT
0.175
RA+RBCT+40 pF+20 ns
TDISCHARGE
1.36 RB CT
(1.37)
RB +44CT+14 pF+20 ns
fOSC
5.9
RA +8.0 RBCT
1
TCHARGE + TDISCHARGE
Where RA and RB areinOhms; CT is in Farads; fOSC is in Hz; tCHARGE and tDISCHARGE are in seconds.
The oscillator is optimized for a CT timing capacitor range from 100 pF to 1000 nF and RB more than 100 Ω.
If the shortest discharge time possible is desired, it is permissible to short DIS to CT for all recommended CT
values (100 pF to 0.100 μF).
SYNC: This SYNC pin produces an output pulse from 0 to VDD that can be used to synchronize a secondary
side-buck controller to the free running isolating power stage. The proper timing of this signal enables zero
voltage switching on the primary side MOSFETs. The clean signal also solves a problem of getting a
synchronization signal from the secondary side of the transformer, which can have leakage inductance voltage
spikes that may cause false triggering. The SYNC pulse width is the oscillator discharge time, which is
approximately equal to the dead time. Pulse frequency is the oscillator frequency. During fault conditions, the
SYNC pulses are terminated and the SYNC output is held low for at least 56 oscillator cycles. During soft start,
SYNC precedes the first output pulse by at least one oscillator cycle.
CS: Connect the current sense device to this pin. A voltage threshold of 0.725 V triggers a shutdown sequence.
An over-current fault triggers an immediate shutdown. After the fault clears, a total of 64 oscillator cycles are
required for an entire soft start sequence to occur. First, the outputs and SYNC are kept OFF for at least 56
oscillator cycles. Next, after one or two SYNC pulses, the soft start progressively increases the output duty ratio
over the next five to seven oscillator cycles.


Similar Part No. - UCC28089DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28089D TI-UCC28089D Datasheet
336Kb / 19P
[Old version datasheet]   PRIMARY-SIDE PUSH-PULL OSCILLATOR WITH DEAD-TIME CONTROL
UCC28089DRB TI-UCC28089DRB Datasheet
336Kb / 19P
[Old version datasheet]   PRIMARY-SIDE PUSH-PULL OSCILLATOR WITH DEAD-TIME CONTROL
More results

Similar Description - UCC28089DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28089 TI-UCC28089 Datasheet
336Kb / 19P
[Old version datasheet]   PRIMARY-SIDE PUSH-PULL OSCILLATOR WITH DEAD-TIME CONTROL
UCC28089 TI-UCC28089_15 Datasheet
700Kb / 23P
[Old version datasheet]   PRIMARY-SIDE PUSH-PULL OSCILLATOR WITH DEAD-TIME CONTROL
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Texas Instruments
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
ISL6745A INTERSIL-ISL6745A Datasheet
197Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
logo
Texas Instruments
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
logo
Monolithic Power System...
HR1001A MPS-HR1001A Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001B MPS-HR1001B Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com