Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC38050DR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC38050DR
Description  TRANSITION MODE PFC CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC38050DR Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC38050DR Datasheet HTML 5Page - Texas Instruments UCC38050DR Datasheet HTML 6Page - Texas Instruments UCC38050DR Datasheet HTML 7Page - Texas Instruments UCC38050DR Datasheet HTML 8Page - Texas Instruments UCC38050DR Datasheet HTML 9Page - Texas Instruments UCC38050DR Datasheet HTML 10Page - Texas Instruments UCC38050DR Datasheet HTML 11Page - Texas Instruments UCC38050DR Datasheet HTML 12Page - Texas Instruments UCC38050DR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
UCC28050, UCC28051
UCC38050, UCC38051
SLUS515F−SEPTEMBER 2002 − REVISED MARCH 2009
9
www.ti.com
BLOCK DESCRIPTION (continued)
Zero Power Block
When the output of the gM amplifier goes below 2.3 V, the zero power comparator latches the gate drive signal
low. The slew rate enhancement circuitry of the gM amplifier that is activated during overvoltage conditions slews
the COMP pin to about 2.4 V. This ensures that the zero power comparator is not activated during transient
behavior (when the slew rate enhancement circuitry is enhanced).
Multiplier Block
The multiplier block has two inputs. One is the error amplifier output voltage (VCOMP), while the other is VMULTIN
which is obtained by a resistive divider from the rectified line. The multiplier output is approximately
0.67
× VMULTIN × (VCOMP−2.5 V). There is a positive offset of about 75 mV to the VMULTIN signal because this
improves the zero-crossing distortion and hence the THD performance of the controller in the application. The
dynamic range of the inputs can be found in the electrical characteristics table.
Overvoltage Protection (OVP) Block
The OVP feature in the part is not activated under most operating conditions because of the presence of the
slew rate enhancement circuitry present in the error amplifier. As soon as the output voltage reaches to about
5% to 7% above the nominal value, the slew rate enhancement circuit is activated and the error amplifier output
voltage is pulled below the dynamic range of the multiplier block. This prevents further rise in output voltage.
If the COMP pin is not pulled low fast enough, and the voltage rises further, the OVP circuit acts as a second
line of protection. When the voltage at the VO_SNS pin is more than 7.5% of the nominal value
( >(VREF+0.190)), the OVP feature is activated. It stops the gate drive from switching as long as the voltage at
the VO_SNS pin is above the nominal value (VREF). This prevents the output dc voltage from going above 7.5%
of the nominal value designed for, and protects the switch and other components of the system like the boost
capacitor.
Transition Mode Control
The boost converter, the most common topology used for power factor correction, can operate in two modes
– continuous conduction code (CCM) and discontinuous conduction mode (DCM). Transition mode control, also
referred to as critical conduction mode (CRM) or boundary conduction mode, maintains the converter at the
boundary between CCM and DCM by adjusting the switching frequency.
The CRM converter typically uses a variation of hysteretic control with the lower boundary equal to zero current.
It is a variable frequency control technique that has inherently stable input current control while eliminating
reverse recovery rectifier losses. As shown in Figure 1, the switch current is compared to the reference signal
(output of the multiplier) directly. This control method has the advantage of simple implementation and still can
provide very good power factor correction.


Similar Part No. - UCC38050DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC38050DR TI-UCC38050DR Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC38050DRG4 TI-UCC38050DRG4 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
More results

Similar Description - UCC38050DR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
   Transition Mode PFC LED Controller
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
   Transition Mode PFC LED Controller
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com