Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27525DSD Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC27525DSD
Description  Dual 5-A High-Speed Low-Side Gate Driver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27525DSD Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC27525DSD Datasheet HTML 6Page - Texas Instruments UCC27525DSD Datasheet HTML 7Page - Texas Instruments UCC27525DSD Datasheet HTML 8Page - Texas Instruments UCC27525DSD Datasheet HTML 9Page - Texas Instruments UCC27525DSD Datasheet HTML 10Page - Texas Instruments UCC27525DSD Datasheet HTML 11Page - Texas Instruments UCC27525DSD Datasheet HTML 12Page - Texas Instruments UCC27525DSD Datasheet HTML 13Page - Texas Instruments UCC27525DSD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
8
INA+
200 kW
VDD
1
INA-
400 kW
3
GND
7
INB+
400 kW
UVLO
V
DD
VDD
VDD
6
5
4
OUTA
VDD
OUTB
VDD
UDG-11222
2
INB-
200 kW
V
DD
1
ENA
200 kW
VDD
2
INA
3
GND
4
INB
400 kW
UVLO
VDD
V
DD
VDD
8
7
6
5
ENB
OUTA
VDD
OUTB
200 kW
VDD
VDD
UDG-11223
200 kW
V
DD
UCC27523, UCC27524, UCC27525, UCC27526
SLUSAQ3F – NOVEMBER 2011 – REVISED MAY 2013
www.ti.com
Figure 8. UCC27525 Block Diagram
Figure 9. UCC27526 Block Diagram
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: UCC27523, UCC27524, UCC27525, UCC27526


Similar Part No. - UCC27525DSD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27525DSDR TI1-UCC27525DSDR Datasheet
2Mb / 43P
[Old version datasheet]   Industry-Standard Pinout
UCC27525DSDR TI1-UCC27525DSDR Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27525DSDT TI1-UCC27525DSDT Datasheet
2Mb / 43P
[Old version datasheet]   Industry-Standard Pinout
UCC27525DSDT TI1-UCC27525DSDT Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
More results

Similar Description - UCC27525DSD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
[Old version datasheet]   UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
logo
Rohm
BD2310G ROHM-BD2310G Datasheet
1Mb / 18P
   1ch 4 A High Speed Low-side Gate Driver
26.Mar.2020 Rev.001
logo
ON Semiconductor
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com