Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27525DSD Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC27525DSD
Description  Dual 5-A High-Speed Low-Side Gate Driver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27525DSD Datasheet(HTML) 5 Page - Texas Instruments

  UCC27525DSD Datasheet HTML 1Page - Texas Instruments UCC27525DSD Datasheet HTML 2Page - Texas Instruments UCC27525DSD Datasheet HTML 3Page - Texas Instruments UCC27525DSD Datasheet HTML 4Page - Texas Instruments UCC27525DSD Datasheet HTML 5Page - Texas Instruments UCC27525DSD Datasheet HTML 6Page - Texas Instruments UCC27525DSD Datasheet HTML 7Page - Texas Instruments UCC27525DSD Datasheet HTML 8Page - Texas Instruments UCC27525DSD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
UCC27523, UCC27524, UCC27525, UCC27526
www.ti.com
SLUSAQ3F – NOVEMBER 2011 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS
VDD = 12 V, TA = TJ = -40°C to 140°C, 1-µF capacitor from VDD to GND. Currents are positive into, negative out of the
specified terminal (unless otherwise noted,)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Bias Currents
VDD = 3.4 V,
INA=VDD,
55
110
175
Startup current,
INB=VDD
IDD(off)
(based on UCC27524 Input
μA
VDD = 3.4 V,
configuration)
INA=GND,
25
75
145
INB=GND
Under Voltage LockOut (UVLO)
TJ = 25°C
3.91
4.20
4.50
VON
Supply start threshold
TJ = -40°C to 140°C
3.70
4.20
4.65
V
Minimum operating voltage
VOFF
3.40
3.90
4.40
after supply start
VDD_H
Supply voltage hysteresis
0.20
0.30
0.50
Inputs (INA, INB, INA+, INA-, INB+, INB-), UCC2752X (D, DGN, DSD)
Output high for non-inverting input pins
VIN_H
Input signal high threshold
1.9
2.1
2.3
Output low for inverting input pins
Output low for non-inverting input pins
V
VIN_L
Input signal low threshold
1.0
1.2
1.4
Output high for inverting input pins
VIN_HYS
Input hysteresis
0.70
0.90
1.10
INPUTS (INA, INB, INA+, INA-, INB+, INB-) UCC27524P ONLY
Output high for non-inverting input pins
VIN_H
Input signal high threshold
2.3
Output low for inverting input pins
Output low for non-inverting input pins
V
VIN_L
Input signal low threshold
1.0
Output high for inverting input pins
VIN_HYS
Input hysteresis
0.9
Enable (ENA, ENB) UCC2752X (D, DGN, DSD)
VEN_H
Enable signal high threshold
Output enabled
1.9
2.1
2.3
VEN_L
Enable signal low threshold
Output disabled
0.95
1.15
1.35
V
VEN_HYS
Enable hysteresis
0.70
0.95
1.10
ENABLE (ENA, ENB) UCC27524P ONLY
VEN_H
Enable signal high threshold
Output enabled
2.3
VEN_L
Enable signal low threshold
Output disabled
0.95
V
VEN_HYS
Enable hysteresis
0.95
Outputs (OUTA, OUTB)
ISNK/SRC
Sink/source peak current(1)
CLOAD = 0.22 µF, FSW = 1 kHz
±5
A
VDD-VOH
High output voltage
IOUT = -10 mA
0.075
V
VOL
Low output voltage
IOUT = 10 mA
0.01
ROH
Output pullup resistance(2)
IOUT = -10 mA
2.5
5
7.5
Ω
ROL
Output pulldown resistance
IOUT = 10 mA
0.15
0.5
1
Ω
Switching Time
(1)
Ensured by design.
(2)
ROH represents on-resistance of only the P-Channel MOSFET device in pullup structure of UCC2752X output stage.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCC27523, UCC27524, UCC27525, UCC27526


Similar Part No. - UCC27525DSD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27525DSDR TI1-UCC27525DSDR Datasheet
2Mb / 43P
[Old version datasheet]   Industry-Standard Pinout
UCC27525DSDR TI1-UCC27525DSDR Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27525DSDT TI1-UCC27525DSDT Datasheet
2Mb / 43P
[Old version datasheet]   Industry-Standard Pinout
UCC27525DSDT TI1-UCC27525DSDT Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
More results

Similar Description - UCC27525DSD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
[Old version datasheet]   UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
logo
Rohm
BD2310G ROHM-BD2310G Datasheet
1Mb / 18P
   1ch 4 A High Speed Low-side Gate Driver
26.Mar.2020 Rev.001
logo
ON Semiconductor
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com