Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27523DSD Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC27523DSD
Description  Dual 5-A High-Speed Low-Side Gate Driver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27523DSD Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC27523DSD Datasheet HTML 3Page - Texas Instruments UCC27523DSD Datasheet HTML 4Page - Texas Instruments UCC27523DSD Datasheet HTML 5Page - Texas Instruments UCC27523DSD Datasheet HTML 6Page - Texas Instruments UCC27523DSD Datasheet HTML 7Page - Texas Instruments UCC27523DSD Datasheet HTML 8Page - Texas Instruments UCC27523DSD Datasheet HTML 9Page - Texas Instruments UCC27523DSD Datasheet HTML 10Page - Texas Instruments UCC27523DSD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
ENA
INA
GND
INB
ENB
OUTA
VDD
OUTB
UCC27523,4,5(D,DGN) &
UCC27524P
(TOP VIEW)
1
2
3
4
8
7
6
5
ENA
INA
GND
INB
ENB
OUTA
VDD
OUTB
UCC27523,4,5(D,DGN) &
UCC27524P
(TOP VIEW)
1
2
3
4
8
7
6
5
ENA
INA
GND
INB
ENB
OUTA
VDD
OUTB
UCC2752(3,4,5)DSD
(TOP VIEW)
1
2
3
4
8
7
6
5
ENA
INA
GND
INB
ENB
OUTA
VDD
OUTB
UCC2752(3,4,5)DSD
(TOP VIEW)
1
2
3
4
8
7
6
5
INA-
INB-
GND
OUTB
INA+
INB+
OUTA
VDD
UCC27526 DSD
(TOP VIEW)
1
2
3
4
8
7
6
5
INA-
INB-
GND
OUTB
INA+
INB+
OUTA
VDD
UCC27526 DSD
(TOP VIEW)
1
2
3
4
8
7
6
5
UCC27523, UCC27524, UCC27525, UCC27526
www.ti.com
SLUSAQ3F – NOVEMBER 2011 – REVISED MAY 2013
DEVICE INFORMATION
Figure 5.
TERMINAL FUNCTIONS (UCC27523 / UCC27524 / UCC27525)
TERMINAL
I/O
FUNCTION
NUMBER
NAME
1
ENA
I
Enable input for Channel A: ENA biased LOW Disables Channel A output
regardless of INA state, ENA biased HIGH or floating Enables Channel A output,
ENA allowed to float hence the pin-to-pin compatibility with UCC2732X N/C pin.
2
INA
I
Input to Channel A: Inverting Input in UCC27523, Non-Inverting Input in UCC27524,
Inverting Input in UCC27525, OUTA held LOW if INA is unbiased or floating.
3
GND
-
Ground: All signals referenced to this pin.
4
INB
I
Input to Channel B: Inverting Input in UCC27523, Non-Inverting Input in UCC27524,
Non-Inverting Input in UCC27525, OUTB held LOW if INB is unbiased or floating.
5
OUTB
O
Output of Channel B
6
VDD
I
Bias supply input
7
OUTA
O
Output of Channel A
8
ENB
I
Enable input for Channel B: ENB biased LOW Disables Channel B output
regardless of INB state, ENB biased HIGH or floating Enables Channel B output,
ENB allowed to float hence the pin-to-pin compatibility with UCC2732X N/C pin.
TERMINAL FUNCTIONS (UCC27526)
TERMINAL
I/O
FUNCTION
NUMBER
NAME
1
INA-
I
Inverting Input to Channel A: When Channel A is used in Non-Inverting
configuration, connect INA- to GND in order to Enable Channel A output, OUTA held
LOW if INA- is unbiased or floating.
2
INB-
I
Inverting Input to Channel B: When Channel B is used in Non-Inverting
configuration, connect INB- to GND in order to Enable Channel B output, OUTB held
LOW if INB- is unbiased or floating.
3
GND
-
Ground: All signals referenced to this pin.
4
OUTB
I
Output of Channel B
5
VDD
O
Bias Supply Input
6
OUTA
I
Output of Channel A
7
INB+
O
Non-Inverting Input to Channel B: When Channel B is used in Inverting
configuration, connect INB+ to VDD in order to Enable Channel B output, OUTB held
LOW if INB+ is unbiased or floating.
8
INA+
I
Non-Inverting Input to Channel A: When Channel A is used in Inverting
configuration, connect INA+ to VDD in order to Enable Channel A output, OUTA held
LOW if INA+ is unbiased or floating.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UCC27523, UCC27524, UCC27525, UCC27526


Similar Part No. - UCC27523DSD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27523DSDR TI1-UCC27523DSDR Datasheet
2Mb / 43P
[Old version datasheet]   Industry-Standard Pinout
UCC27523DSDR TI1-UCC27523DSDR Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27523DSDT TI1-UCC27523DSDT Datasheet
2Mb / 43P
[Old version datasheet]   Industry-Standard Pinout
UCC27523DSDT TI1-UCC27523DSDT Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
More results

Similar Description - UCC27523DSD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
[Old version datasheet]   UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
logo
Rohm
BD2310G ROHM-BD2310G Datasheet
1Mb / 18P
   1ch 4 A High Speed Low-side Gate Driver
26.Mar.2020 Rev.001
logo
ON Semiconductor
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com