Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27517DBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27517DBVR
Description  Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27517DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC27517DBVR Datasheet HTML 3Page - Texas Instruments UCC27517DBVR Datasheet HTML 4Page - Texas Instruments UCC27517DBVR Datasheet HTML 5Page - Texas Instruments UCC27517DBVR Datasheet HTML 6Page - Texas Instruments UCC27517DBVR Datasheet HTML 7Page - Texas Instruments UCC27517DBVR Datasheet HTML 8Page - Texas Instruments UCC27517DBVR Datasheet HTML 9Page - Texas Instruments UCC27517DBVR Datasheet HTML 10Page - Texas Instruments UCC27517DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
1
2
3
6
5
4
IN-
GND
GND
IN+
OUT
VDD
IN-
VDD
OUT
GND
IN+
1
2
3
5
4
IN-
VDD
OUT
GND
IN+
1
2
3
5
4
3
4
2
1
5
200 kW
VDD
230 kW
UVLO
VDD
VDD
VDD
OUT
IN+
IN -
GND
6
1
2
4
5
200 kW
VDD
230 kW
UVLO
VDD
VDD
VDD
OUT
IN+
IN -
GND
3
GND
UCC27517
UCC27516
www.ti.com
SLUSAY4C – MARCH 2012 – REVISED MAY 2013
DEVICE INFORMATION
UCC27516 Functional Block Diagram
UCC27517 Functional Block Diagram
UCC27517 DBV
(Top View)
UCC27516 DRS
(Top View)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UCC27517 UCC27516


Similar Part No. - UCC27517DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517DBVR TI1-UCC27517DBVR Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517DBVR TI1-UCC27517DBVR Datasheet
983Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
More results

Similar Description - UCC27517DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27511 TI1-UCC27511_13 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27511A-Q1 TI-UCC27511A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27511 TI1-UCC27511_15 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 8-A Peak Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
[Old version datasheet]   High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
LM5114 TI1-LM5114_15 Datasheet
2Mb / 26P
[Old version datasheet]   Single 7.6-A Peak Current Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com