Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27211DDA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27211DDA
Description  120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27211DDA Datasheet(HTML) 3 Page - Texas Instruments

  UCC27211DDA Datasheet HTML 1Page - Texas Instruments UCC27211DDA Datasheet HTML 2Page - Texas Instruments UCC27211DDA Datasheet HTML 3Page - Texas Instruments UCC27211DDA Datasheet HTML 4Page - Texas Instruments UCC27211DDA Datasheet HTML 5Page - Texas Instruments UCC27211DDA Datasheet HTML 6Page - Texas Instruments UCC27211DDA Datasheet HTML 7Page - Texas Instruments UCC27211DDA Datasheet HTML 8Page - Texas Instruments UCC27211DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
UCC27210
UCC27211
www.ti.com
SLUSAT7C – NOVEMBER 2011 – REVISED MARCH 2012
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage range, VDD
(1), V
HB - VHS
-0.3
20
Input voltages on LI and HI, VLI, VHI
-10
20
DC
-0.3
VDD + 0.3
Output voltage on LO, VLO
Repetitive pulse <100 ns(2)
-2
VDD + 0.3
DC
VHS – 0.3
VHB + 0.3
V
Output voltage on HO, VHO
Repetitive pulse <100 ns(2)
VHS - 2
VHB + 0.3
DC
-1
115
Voltage on HS, VHS
Repetitive pulse <100 ns(2)
-18
115
Voltage on HB, VHB
-0.3
120
Human Body Model (HBM)
2
ESD
kV
Field Induced Charged Device Model
1
(FICDM)
Operating virtual junction temperature range, TJ
-40
150
Storage temperature, TSTG
-65
150
°C
Lead temperature (soldering, 10 sec.)
300
(1)
All voltages are with respect to VSS unless otherwise noted. Currents are positive into, negative out of the specified terminal.
(2)
Verified at bench characterization.
RECOMMENDED OPERATING CONDITIONS
all voltages are with respect to VSS; currents are positive into and negative out of the specified terminal. –40°C < TJ = TA <
140°C (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Supply voltage range, VDD, VHB-VHS
8
12
17
Voltage on HS, VHS
-1
105
V
Voltage on HS, VHS (repetitive pulse <100 ns)
-15
110
VHS +8,
VHS +17,
Voltage on HB, VHB
VDD –1
115
Voltage slew rate on HS
50
V/ns
Operating junction temperature range
-40
140
°C
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UCC27210 UCC27211


Similar Part No. - UCC27211DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27211DDA TI1-UCC27211DDA Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side/Low-Side Driver
FEBRUARY2012
UCC27211DDAR TI1-UCC27211DDAR Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side/Low-Side Driver
FEBRUARY2012
More results

Similar Description - UCC27211DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27212 TI1-UCC27212 Datasheet
833Kb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210A TI1-UCC27210A Datasheet
1Mb / 27P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side/Low-Side Driver
FEBRUARY2012
UCC27212A-Q1 TI1-UCC27212A-Q1 Datasheet
857Kb / 29P
[Old version datasheet]   Automotive 120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210_15 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2721x 120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com