Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27519DBV Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC27519DBV
Description  Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27519DBV Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC27519DBV Datasheet HTML 3Page - Texas Instruments UCC27519DBV Datasheet HTML 4Page - Texas Instruments UCC27519DBV Datasheet HTML 5Page - Texas Instruments UCC27519DBV Datasheet HTML 6Page - Texas Instruments UCC27519DBV Datasheet HTML 7Page - Texas Instruments UCC27519DBV Datasheet HTML 8Page - Texas Instruments UCC27519DBV Datasheet HTML 9Page - Texas Instruments UCC27519DBV Datasheet HTML 10Page - Texas Instruments UCC27519DBV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
t
D1
t
D1
Low
90%
10%
IN- pin
OUTPUT
High
INPUT
(IN+ pin)
Low
High
t
f
t
r
t
D1
t
D1
Low
90%
10%
IN- pin
OUTPUT
High
INPUT
(IN+ pin)
Low
High
t
f
t
r
UCC27511
UCC27512
www.ti.com
SLUSAW9D – FEBRUARY 2012 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS (continued)
VDD = 12 V, TA = TJ = -40°C to 140°C, 1-µF capacitor from VDD to GND. Currents are positive into, negative out of the
specified terminal.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Switching Time
VDD = 12 V
CLOAD = 1.8 nF, connected to OUTH and OUTL pins tied
8
12
together
tR
Rise time(3)
VDD = 4.5 V
16
22
CLOAD = 1.8 nF
VDD = 12 V
CLOAD = 1.8 nF, connected to OUTH and OUTL pins tied
7
11
together
tF
Fall time(3)
VDD=4.5V
7
11
CLOAD = 1.8 nF
VDD = 12 V
ns
5-V input pulse CLOAD = 1.8 nF, connected to OUTH and
4
13
23
OUTL pins tied together
IN+ to output propagation
tD1
delay(3)
VDD = 4.5 V
5-V input pulse CLOAD = 1.8 nF, connected to OUTH and
4
15
26
OUTL pins tied together
VDD = 12 V
CLOAD = 1.8 nF, connected to OUTH and OUTL pins tied
4
13
23
together
IN- to output propagation
tD2
delay(3)
VDD = 4.5 V
CLOAD = 1.8 nF, connected to OUTH and OUTL pins tied
4
19
30
together
(3)
See timing diagrams in Figure 1, Figure 2, Figure 3 and Figure 4.
Figure 1. Non-Inverting Configuration
(PWM Input To IN+ pin (IN- Pin Tied To GND),
Output Represents OUTH And OUTL Pins Tied Together In The UCC27511)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UCC27511 UCC27512


Similar Part No. - UCC27519DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27519DBV TI1-UCC27519DBV Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27519DBV TI1-UCC27519DBV Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27519DBV TI1-UCC27519DBV Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27519DBV TI1-UCC27519DBV Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27519DBV TI1-UCC27519DBV Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
More results

Similar Description - UCC27519DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27511A-Q1 TI-UCC27511A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27517 TI1-UCC27517_13 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27511 TI1-UCC27511_15 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 8-A Peak Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
[Old version datasheet]   High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
LM5114 TI1-LM5114_15 Datasheet
2Mb / 26P
[Old version datasheet]   Single 7.6-A Peak Current Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com