Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27210DR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27210DR
Description  120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27210DR Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC27210DR Datasheet HTML 5Page - Texas Instruments UCC27210DR Datasheet HTML 6Page - Texas Instruments UCC27210DR Datasheet HTML 7Page - Texas Instruments UCC27210DR Datasheet HTML 8Page - Texas Instruments UCC27210DR Datasheet HTML 9Page - Texas Instruments UCC27210DR Datasheet HTML 10Page - Texas Instruments UCC27210DR Datasheet HTML 11Page - Texas Instruments UCC27210DR Datasheet HTML 12Page - Texas Instruments UCC27210DR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
UCC27210
UCC27211
www.ti.com
SLUSAT7C – NOVEMBER 2011 – REVISED MARCH 2012
TERMINAL FUNCTIONS
PIN
PIN NAME
DESCRIPTION
D/DDA/DRM
DPR
Positive supply to the lower-gate driver. De-couple this pin to VSS (GND). Typical
VDD
1
1
decoupling capacitor range is 0.22 µF to 1.0 µF.
High-side bootstrap supply. The bootstrap diode is on-chip but the external bootstrap
capacitor is required. Connect positive side of the bootstrap capacitor to this pin.
HB
2
2
Typical range of HB bypass capacitor is 0.022 µF to 0.1 µF. The capacitor value is
dependant on the gate charge of the high-side MOSFET and should also be selected
based on speed and ripple criteria
HO
3
3
High-side output. Connect to the gate of the high-side power MOSFET.
High-side source connection. Connect to source of high-side power MOSFET.
HS
4
4
Connect the negative side of bootstrap capacitor to this pin.
HI
5
7
High-side input.
LI
6
8
Low-side input.
VSS
7
9
Negative supply terminal for the device which is generally grounded.
LO
8
10
Low-side output. Connect to the gate of the low-side power MOSFET.
N/C
-
5/6
Not Connected.
Utilized on the DDA, DRM and DPR packages only. Electrically referenced to VSS
PowerPAD™(1)
Pad
Pad
(GND). Connect to a large thermal mass trace or GND plane to dramatically improve
thermal performance.
(1)
The PowerPAD™ is not directly connected to any leads of the package. However it is electrically and thermally connected to the
substrate which is the ground of the device.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UCC27210 UCC27211


Similar Part No. - UCC27210DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27210DR TI1-UCC27210DR Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side/Low-Side Driver
FEBRUARY2012
UCC27210DRMR TI1-UCC27210DRMR Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side/Low-Side Driver
FEBRUARY2012
UCC27210DRMT TI1-UCC27210DRMT Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side/Low-Side Driver
FEBRUARY2012
More results

Similar Description - UCC27210DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27212 TI1-UCC27212 Datasheet
833Kb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210A TI1-UCC27210A Datasheet
1Mb / 27P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side/Low-Side Driver
FEBRUARY2012
UCC27212A-Q1 TI1-UCC27212A-Q1 Datasheet
857Kb / 29P
[Old version datasheet]   Automotive 120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210_15 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2721x 120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com