Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3714DTRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # UC3714DTRG4
Description  Complementary Switch FET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3714DTRG4 Datasheet(HTML) 5 Page - Texas Instruments

  UC3714DTRG4 Datasheet HTML 1Page - Texas Instruments UC3714DTRG4 Datasheet HTML 2Page - Texas Instruments UC3714DTRG4 Datasheet HTML 3Page - Texas Instruments UC3714DTRG4 Datasheet HTML 4Page - Texas Instruments UC3714DTRG4 Datasheet HTML 5Page - Texas Instruments UC3714DTRG4 Datasheet HTML 6Page - Texas Instruments UC3714DTRG4 Datasheet HTML 7Page - Texas Instruments UC3714DTRG4 Datasheet HTML 8Page - Texas Instruments UC3714DTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PROPAGATION
DELAYS
INPUT
PWR OUTPUT
T1 DELAY
T2 DELAY
UC1714 AUX OUTPUT
UC1715 AUX OUTPUT
UC1714, UC1715, UC2714
UC2715, UC3714, UC3715
www.ti.com
SLUS170B – FEBRUARY 1999 – REVISED MAY 2013
TYPICAL CHARACTERISTICS
T1 DELAY, T2 DELAY
vs
TIME RELATIONSHIPS
RT
(2) T1 delay is defined from the 50% point of the transition edge of
AUX to the 10% of the rising edge of PWR. T2 delay is defined from
the 90% of the falling edge of PWR to the 50% point of the transition
edge of AUX.
Figure 1.
Figure 2.
ICC
vs
ICC
SWITCHING FREQUENCY WITH NO LOAD AND 50%
vs
DUTY CYCLE RT1 = RT2 = 50 k
RT WITH OPPOSITE RT = 50 k
Figure 3.
Figure 4.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UC1714 UC1715 UC2714 UC2715 UC3714 UC3715


Similar Part No. - UC3714DTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3714DTR TI1-UC3714DTR Datasheet
986Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
More results

Similar Description - UC3714DTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1714 TI1-UC1714_16 Datasheet
986Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC1714 TI-UC1714 Datasheet
274Kb / 8P
[Old version datasheet]   Complementary Switch FET Drivers
UC1715-SP TI-UC1715-SP_15 Datasheet
329Kb / 14P
[Old version datasheet]   COMPLIMENTARY SWITCH FET DRIVERS
logo
Intersil Corporation
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
   Radiation Hardened Complementary Switch FET Driver
logo
National Semiconductor ...
NB311 NSC-NB311 Datasheet
137Kb / 4P
   1.5Amp complementary power drivers
logo
TRINAMIC Motion Control...
TMC32NP TRINAMIC-TMC32NP Datasheet
364Kb / 1P
   Complementary 30V MOS FET
logo
Nexperia B.V. All right...
PHC21025 NEXPERIA-PHC21025 Datasheet
826Kb / 16P
   Complementary intermediate level FET
Rev. 04 - 17 March 2011
logo
NXP Semiconductors
PHC21025 PHILIPS-PHC21025_15 Datasheet
249Kb / 16P
   Complementary intermediate level FET
Rev. 04-17 March 2011
logo
Motorola, Inc
MTDF1C02HD MOTOROLA-MTDF1C02HD Datasheet
276Kb / 14P
   COMPLEMENTARY DUAL TMOS POWER FET
logo
Micro Electronics
BCI84 MICRO-ELECTRONICS-BCI84 Datasheet
154Kb / 2P
   COMPLEMENTARY SILICON AF SMALL SIGNAL AMPLIFIERS & DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com