Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2871DWG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # UC2871DWG4
Description  Resonant Fluorescent Lamp Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2871DWG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC2871DWG4 Datasheet HTML 2Page - Texas Instruments UC2871DWG4 Datasheet HTML 3Page - Texas Instruments UC2871DWG4 Datasheet HTML 4Page - Texas Instruments UC2871DWG4 Datasheet HTML 5Page - Texas Instruments UC2871DWG4 Datasheet HTML 6Page - Texas Instruments UC2871DWG4 Datasheet HTML 7Page - Texas Instruments UC2871DWG4 Datasheet HTML 8Page - Texas Instruments UC2871DWG4 Datasheet HTML 9Page - Texas Instruments UC2871DWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
20-Aug-2011
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
5962-9462201MVA
OBSOLETE
18
TBD
Call TI
Call TI
5962-9462201Q2A
OBSOLETE
LCCC
FK
20
TBD
Call TI
Call TI
UC1871J
OBSOLETE
CDIP
J
18
TBD
Call TI
Call TI
UC1871J883B
OBSOLETE
CDIP
J
18
TBD
Call TI
Call TI
UC1871L883B
OBSOLETE
TO/SOT
L
20
TBD
Call TI
Call TI
UC2871DW
ACTIVE
SOIC
DW
18
40
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC2871DWG4
ACTIVE
SOIC
DW
18
40
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC2871N
ACTIVE
PDIP
N
18
20
Green (RoHS
& no Sb/Br)
CU NIPDAU N / A for Pkg Type
UC2871NG4
ACTIVE
PDIP
N
18
20
Green (RoHS
& no Sb/Br)
CU NIPDAU N / A for Pkg Type
UC3871DW
ACTIVE
SOIC
DW
18
40
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC3871DWG4
ACTIVE
SOIC
DW
18
40
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC3871DWTR
ACTIVE
SOIC
DW
18
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC3871DWTRG4
ACTIVE
SOIC
DW
18
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC3871N
ACTIVE
PDIP
N
18
20
Green (RoHS
& no Sb/Br)
CU NIPDAU N / A for Pkg Type
UC3871NG4
ACTIVE
PDIP
N
18
20
Green (RoHS
& no Sb/Br)
CU NIPDAU N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.


Similar Part No. - UC2871DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2871 TI-UC2871 Datasheet
466Kb / 6P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
More results

Similar Description - UC2871DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1871 TI-UC1871 Datasheet
466Kb / 6P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
HR2000 MPS-HR2000 Datasheet
992Kb / 20P
   Fluorescent Lamp HB Driver with PFC
logo
Texas Instruments
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
Cirrus Logic
CRD1601-120W CIRRUS-CRD1601-120W Datasheet
290Kb / 12P
   High-efficiency PFC Fluorescent Lamp Driver Reference Design
logo
NXP Semiconductors
UBA2017 PHILIPS-UBA2017 Datasheet
530Kb / 29P
   600 V fluorescent lamp driver with linear dimming function
Rev. 2-15 May 2012
logo
Texas Instruments
UC1872 TI1-UC1872_09 Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com