Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3525ADW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC3525ADW
Description  REGULATING PULSE WIDTH MODULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3525ADW Datasheet(HTML) 1 Page - Texas Instruments

  UC3525ADW Datasheet HTML 1Page - Texas Instruments UC3525ADW Datasheet HTML 2Page - Texas Instruments UC3525ADW Datasheet HTML 3Page - Texas Instruments UC3525ADW Datasheet HTML 4Page - Texas Instruments UC3525ADW Datasheet HTML 5Page - Texas Instruments UC3525ADW Datasheet HTML 6Page - Texas Instruments UC3525ADW Datasheet HTML 7Page - Texas Instruments UC3525ADW Datasheet HTML 8Page - Texas Instruments UC3525ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
FEATURES
DESCRIPTION
BLOCK DIAGRAM
15
12
3
6
5
7
9
1
2
8
10
Reference
Regulator
16
4
OSC
50 m A
13
14
11
13
11
14
COMP
S
S
R
+VIN
GROUND
SYNC
RT
CT
DISCHARGE
COMPENSATION
INV INPUT
NI INPUT
SOFTSTART
SHUTDOWN
OUTPUT B
OUTPUT A
VC
OUTPUT B
OUTPUT A
VC
NOR
NOR
OR
OR
VREF
Error
Amp
VREF
OSC
OUT
To Internal
Circutry
UVLO
Lockout
Flip
Flop
PWM
Latch
3 kW
5 kW
UC1527A
Output Stage
UC1525A
Output Stage
UC1525A, UC1527A
UC2525A, UC2527A
UC3525A, UC3527A
SLUS191C – FEBRUARY 1997 – REVISED JANUARY 2008
www.ti.com
REGULATING PULSE WIDTH MODULATORS
• 8-V to 35-V Operation
• 5.1-V Reference Trimmed to 1%
The UC1525A/1527A series of pulse width modulator
integrated circuits are designed to offer improved
• 100-Hz to 500-kHz Oscillator Range
performance and lowered external parts count when
• Separate Oscillator Sync Terminal
used in designing all types of switching power
• Adjustable Deadtime Control
supplies. The on-chip +5.1-V reference is trimmed to
1% and the input common-mode range of the error
• Internal Soft-Start
amplifier includes the reference voltage, eliminating
• Pulse-by-Pulse Shutdown
external resistors. A sync input to the oscillator allows
• Input Undervoltage Lockout With Hysteresis
multiple units to be slaved or a single unit to be
synchronized to an external system clock. A single
• Latching PWM to Prevent Multiple Pulses
resistor between the CT and the discharge terminals
• Dual Source/Sink Output Drivers
provides a wide range of dead-time adjustment.
These devices also feature built-in soft-start circuitry
with only an external timing capacitor required. A
shutdown terminal controls both the soft-start circuitry
and the output stages, providing instantaneous turn
off through the PWM latch with pulsed shutdown, as
well as soft-start recycle with longer shutdown
commands.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UC3525ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3525ADW TI-UC3525ADW Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3525ADW TI1-UC3525ADW Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC3525ADWG4 TI1-UC3525ADWG4 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC3525ADWTR TI-UC3525ADWTR Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
UC3525ADWTR TI-UC3525ADWTR Datasheet
345Kb / 13P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - UC3525ADW

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com