Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7611BSWZ-P-RL Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7611BSWZ-P-RL
Description  Low Power 165 MHz HDMI Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7611BSWZ-P-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7611BSWZ-P-RL Datasheet HTML 7Page - Analog Devices ADV7611BSWZ-P-RL Datasheet HTML 8Page - Analog Devices ADV7611BSWZ-P-RL Datasheet HTML 9Page - Analog Devices ADV7611BSWZ-P-RL Datasheet HTML 10Page - Analog Devices ADV7611BSWZ-P-RL Datasheet HTML 11Page - Analog Devices ADV7611BSWZ-P-RL Datasheet HTML 12Page - Analog Devices ADV7611BSWZ-P-RL Datasheet HTML 13Page - Analog Devices ADV7611BSWZ-P-RL Datasheet HTML 14Page - Analog Devices ADV7611BSWZ-P-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADV7611
Rev. D | Page 11 of 16
FUNCTIONAL OVERVIEW
HDMI RECEIVER
The receiver supports all mandatory and many optional 3D
formats. It supports HDTV formats up to UXGA at 8 bit.
The HDMI-compatible receiver on the ADV7611 incorporates
programmable equalization of the HDMI data signals. This
equalization compensates for the high frequency losses inherent
in HDMI and DVI cabling, especially at longer lengths and higher
frequencies. It is capable of equalizing for cable lengths up to
30 meters to achieve robust receiver performance.
With the inclusion of HDCP, displays can receive encrypted
video content. The HDMI interface of the ADV7611 allows for
authentication of a video receiver, decryption of encoded data
at the receiver, and renewability of that authentication during
transmission, as specified by the HDCP 1.4 protocol.
The ADV7611 has a synchronization regeneration block used
to regenerate the DE based on the measurement of the video
format being displayed and to filter the horizontal and vertical
synchronization signals to prevent glitches. The HDMI receiver
also supports TERC4 error detection, used for detection of
corrupted HDMI packets following a cable disconnect.
The HDMI receiver contains an audio mute controller that
can detect a variety of conditions that may result in audible
extraneous noise in the audio output. On detection of these
conditions, the audio signal can be ramped to prevent audio
clicks or pops. Audio output can be formatted to LPCM and
IEC 61937.
The HDMI receiver features include:
162.5 MHz (UXGA at 8 bit) maximum TMDS clock
frequency
3D format support defined in HDMI 1.4a specification
Integrated equalizer for cable lengths up to 30 meters
HDCP 1.4
Internal HDCP keys
PCM audio packet support
Repeater support
Internal EDID RAM
Hot Plug assert output pin for an HDMI port
CEC controller
COMPONENT PROCESSOR
The ADV7611 has an any-to-any 3 × 3 CSC matrix. The CSC
block is placed at the back of the CP section. CSC enables
YPrPb-to-RGB and RGB-to-YCrCb conversions. Many other
standards of color space can be implemented using the color
space converter.
CP features include:
525i, 625i, 525p, 625p, 720p, 1080i, 1080p, and other
formats
Manual adjustments including gain (contrast) and
offset (brightness), hue, and saturation
Free run output mode that provides stable timing when no
video input is present
162.5 MHz processing rate
Contrast, brightness, hue, and saturation controls
Standard identification enabled by STDI block
RGB that can be color space converted to YCrCb and
decimated to a 4:2:2 format for video-centric back end IC
interfacing
DE output signal supplied for direct connection to an
HDMI/DVI transmitter
OTHER FEATURES
The ADV7611 has HS, VS, FIELD, and DE output signals with
programmable position, polarity, and width.
The ADV7611 has programmable interrupt request output pins,
including INT1 and INT2 (INT2 is accessible only via one of
following pins: MCLK/INT2, SCLK/INT2, or HPA_A/INT2).
It also features a low power-down mode. The I2C address of
the main map is 0x98 after reset. This can be changed after reset
to 0x9A if pullup is attached to VS/FIELD/ALSB pin and I2C
command SAMPLE_ALSB is issued. Refer to the Register
Access and Serial Ports Description section in the UG-180.
The ADV7611 is provided in a 10 mm × 10 mm, RoHS-compliant
LQFP_EP package, and is specified over the −40°C to +85°C
temperature range.


Similar Part No. - ADV7611BSWZ-P-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7610BBCZ AD-ADV7610BBCZ Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7610BBCZ-P AD-ADV7610BBCZ-P Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7610BBCZ-P-RL AD-ADV7610BBCZ-P-RL Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7610BBCZ-RL AD-ADV7610BBCZ-RL Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
More results

Similar Description - ADV7611BSWZ-P-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
501Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
REV. D
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
   HDMI Receiver
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
   165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
logo
Silicon image
SII9135 SILICONIMAGE-SII9135 Datasheet
288Kb / 2P
   VastLane??HDMI Receiver
SII9233 SILICONIMAGE-SII9233 Datasheet
240Kb / 2P
   VastLane HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com