Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1710J883B Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC1710J883B
Description  High Current FET Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1710J883B Datasheet(HTML) 3 Page - Texas Instruments

  UC1710J883B Datasheet HTML 1Page - Texas Instruments UC1710J883B Datasheet HTML 2Page - Texas Instruments UC1710J883B Datasheet HTML 3Page - Texas Instruments UC1710J883B Datasheet HTML 4Page - Texas Instruments UC1710J883B Datasheet HTML 5Page - Texas Instruments UC1710J883B Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
UC1710
UC2710
UC3710
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for VIN = VC = 15V, No load,
TA = TJ.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UVLO Threshold Hysteresis
0.1
0.3
0.5
V
Digital Input Low Level
0.8
V
Digital Input High Level
2.0
V
Digital Input Current
Digital Input = 0.0V
–70
–4.0
µA
Output High Sat., VC – VO
IO= –100mA
1.35
2.2
V
IO= –6A
3.2
4.5
V
Output Low Sat., VO
IO= 100mA
0.25
0.6
V
IO= 6A
3.4
4.5
V
Thermal Shutdown
165
°C
From Inv., Input to Output (Note 3, 4):
Rise Time Delay
CL = 0
35
70
ns
CL = 2.2nF
35
70
ns
CL = 30nF
35
70
ns
10% to 90% Rise
CL = 0
20
40
ns
CL = 2.2nF
25
40
ns
CL = 30nF
85
150
ns
Fall Time Delay
CL = 0
35
70
ns
CL = 2.2nF
35
70
ns
CL = 30nF
35
80
ns
90% to 10% Fall
CL = 0
15
40
ns
CL = 2.2nF
20
40
ns
CL = 30nF
85
150
ns
From N.I. Input to Output (Note 3,4):
Rise Time Delay
CL = 0
35
70
ns
CL = 2.2nF
35
70
ns
CL = 30nF
35
70
ns
10% to 90% Rise
CL = 0
20
40
ns
CL = 2.2nF
25
40
ns
CL = 30nF
85
150
ns
Fall Time Delay
CL = 0
35
70
ns
CL = 2.2nF
35
70
ns
CL = 30nF
35
80
ns
90% to 10% Fall
CL = 0
15
40
ns
CL = 2.2nF
20
50
ns
CL = 30nF
85
150
ns
Total Supply Current at 200kHz Input
Switching Frequency
TA = 25°C (Note 5) CL = 0
30
40
mA
Note: 3. Delay measured from 50% input change to 10% output change.
Note: 4. Those parameters with CL = 30nF are not tested in production.
Note: 5. Inv. Input pulsed at 50% duty cycle with N.I. Input = 3V. or N.I. Input pulsed at 50% duty cycle with Inv. Input = 0V.
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 FAX (603) 424-3460


Similar Part No. - UC1710J883B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1710J883B TI1-UC1710J883B Datasheet
101Kb / 7P
[Old version datasheet]   High Current FET Driver
UC1710J883B TI-UC1710J883B Datasheet
253Kb / 9P
[Old version datasheet]   High Current FET Driver
More results

Similar Description - UC1710J883B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1710 TI1-UC1710_15 Datasheet
101Kb / 7P
[Old version datasheet]   High Current FET Driver
UC1710 TI-UC1710 Datasheet
72Kb / 4P
[Old version datasheet]   High Current FET Driver
UC1710 TI-UC1710_V01 Datasheet
253Kb / 9P
[Old version datasheet]   High Current FET Driver
logo
Fairchild Semiconductor
FDMF8704 FAIRCHILD-FDMF8704 Datasheet
423Kb / 11P
   High Current / High Frequency FET plus Driver Multi-chip Module
logo
IXYS Corporation
IXTK80N25 IXYS-IXTK80N25 Datasheet
568Kb / 5P
   High Current MegaMOSTM FET
IXTN120N25 IXYS-IXTN120N25 Datasheet
584Kb / 5P
   High Current MegaMOS FET
logo
Texas Instruments
UC1709 TI-UC1709 Datasheet
178Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED FET DRIVER
logo
IK Semicon Co., Ltd
IL33091A IKSEMICON-IL33091A_16 Datasheet
316Kb / 5P
   Powerful High-grade FET driver
logo
Texas Instruments
UC1725 TI-UC1725 Datasheet
294Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
UC1725 TI1-UC1725_12 Datasheet
253Kb / 5P
[Old version datasheet]   Isolated High Side FET Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com