Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3770AQTR Datasheet(PDF) 2 Page - Texas Instruments

Part # UC3770AQTR
Description  High Performance Stepper Motor Drive Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3770AQTR Datasheet(HTML) 2 Page - Texas Instruments

  UC3770AQTR Datasheet HTML 1Page - Texas Instruments UC3770AQTR Datasheet HTML 2Page - Texas Instruments UC3770AQTR Datasheet HTML 3Page - Texas Instruments UC3770AQTR Datasheet HTML 4Page - Texas Instruments UC3770AQTR Datasheet HTML 5Page - Texas Instruments UC3770AQTR Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
CONNECTION DIAGRAMS
UC3770A
UC3770B
UC3770A
UC3770B
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Supply Voltage VM (Pins 3, 14)
10
45
10
45
V
Logic Supply Voltage VCC (Pin 6)
4.75
5
5.3
4.75
5
5.3
V
Logic Supply Current ICC (Pin 6)
IO = I1 = H, IM = 0
15
25
15
25
mA
IO = I1 = L, IM = 0
18
28
18
28
mA
IO = I1 = H, IM = 1.3A
33
40
33
40
mA
Thermal Shutdown Temperature
+170
+170
°C
Logic Threshold (Pins 7, 8, 9)
0.8
2.0
0.8
2.0
V
Input Current Low (Pin 8)
VI = 0.4V
-100
-100
µA
Input Current Low (Pins 7, 9)
VI = 0.4V
-400
-400
µA
Input Current High (Pins 7, 8, 9)
VI = 2.4V
10
10
µA
Comparator Threshold (Pin 10)
VR = 5V, I0 = L, I1 = L
400
415
430
400
415
430
mV
VR = 5V, I0 = H, I1 = L
240
255
265
290
300
315
mV
VR = 5V, I0 = L, I1 = H
70
80
90
195
210
225
mV
Comparator Input Current (Pin 10)
±20
±20
µA
Off Time
RT = 56k, CT = 820pF
25
30
35
25
30
35
ms
PACKAGE PIN FUNCTION
FUNCTION
PIN
Gnd
1-3
VM
4
N/C
5
AOUT
6
N/C
7
Emitters
8
Gnd
9
BOUT
10
Timing
11
VM
12
Gnd
13-17
VCC
18
I1
19
Phase
20
I0
21
N/C
22
Current
23
VR
24
N/C
25-27
Gnd
28
PLCC-28 (Top View)
Q Package
DIL-16 (Top View)
J Or N Package
Logic Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Output Supply Voltage, VMM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50V
Logic Input Voltage (Pins 7, 8, 9) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Analog Input Voltage (Pin 10) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC
Reference Input Voltage (Pin 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
Logic Input Current (Pins 7, 8, 9) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –10mA
Analog Input Current (Pins 10, 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –10mA
Output Current (Pins 1, 15) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
± 2A
Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
ABSOLUTE MAXIMUM RATINGS
Note 1: All voltages are with respect to Gnd (DIL Pins 4, 5, 12, 13); all currents
are positive into, negative out of the specified terminal.
Note 2: Consult Unitrode Integrated Circuits databook for thermal limitations and
considerations of packages.
ELECTRICAL CHARACTERISTICS: (All tests apply with VM = 36V, VCC = 5V, VR = 5V, No Load, and 0
°C<TA<70°C, unless
otherwise stated, TA =TJ.)


Similar Part No. - UC3770AQTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3770A TI-UC3770A Datasheet
71Kb / 3P
[Old version datasheet]   High Performance Stepper Motor Drive Circuit
More results

Similar Description - UC3770AQTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3770A TI-UC3770A Datasheet
71Kb / 3P
[Old version datasheet]   High Performance Stepper Motor Drive Circuit
logo
Ericsson
PBL3770A ERICSSON-PBL3770A Datasheet
140Kb / 8P
   High Performance Stepper Motor Drive Circuit
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com