Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1527AJ883B Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UC1527AJ883B
Description  REGULATING PULSE WIDTH MODULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1527AJ883B Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC1527AJ883B Datasheet HTML 2Page - Texas Instruments UC1527AJ883B Datasheet HTML 3Page - Texas Instruments UC1527AJ883B Datasheet HTML 4Page - Texas Instruments UC1527AJ883B Datasheet HTML 5Page - Texas Instruments UC1527AJ883B Datasheet HTML 6Page - Texas Instruments UC1527AJ883B Datasheet HTML 7Page - Texas Instruments UC1527AJ883B Datasheet HTML 8Page - Texas Instruments UC1527AJ883B Datasheet HTML 9Page - Texas Instruments UC1527AJ883B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.ti.com
PRINCIPLES OF OPERATION AND TYPICAL CHARACTERISTICS
13
+VIN
Q5
Q4
+VREF
Q6
Q3
Q2
Q1
5 kW
10 kW
10 kW
Clock
F/F
PWM
11
14
Output
2 kW
Q8
Q9
Q7
Q10
Q11
Q6 Ommitted
In UC1527A
+VC
+VSUPPLY
Q1
To Output Filter
R2
R1
13
11
14
12
+VC
A
B
UC1525A
GND
Return
UC1525A, UC1527A
UC2525A, UC2527A
UC3525A, UC3527A
SLUS191C – FEBRUARY 1997 – REVISED JANUARY 2008
Figure 1. UC1525A Output Circuit (1/2 circuit shown)
Figure 2. Grounded Driver Outputs For Single-Ended Supplies
For single-ended supplies, the driver outputs are grounded. The VC termainal is switched to ground by the
totem-pole source transistors on alternate oscillator cycles.
6
Submit Documentation Feedback
Copyright © 1997–2008, Texas Instruments Incorporated
Product Folder Link(s): UC1525A, UC1527A UC2525A, UC2527A UC3525A, UC3527A


Similar Part No. - UC1527AJ883B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1527AJ883B TI-UC1527AJ883B Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
UC1527AJ883B TI1-UC1527AJ883B Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - UC1527AJ883B

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com