Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2525A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UC2525A
Description  REGULATING PULSE WIDTH MODULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2525A Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC2525A Datasheet HTML 3Page - Texas Instruments UC2525A Datasheet HTML 4Page - Texas Instruments UC2525A Datasheet HTML 5Page - Texas Instruments UC2525A Datasheet HTML 6Page - Texas Instruments UC2525A Datasheet HTML 7Page - Texas Instruments UC2525A Datasheet HTML 8Page - Texas Instruments UC2525A Datasheet HTML 9Page - Texas Instruments UC2525A Datasheet HTML 10Page - Texas Instruments UC2525A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.ti.com
+15 V
13
11
14
12
D1
D2
Return
30 W
30 W
Q2
Q1
T1
D1, D2: UC3611
+VC
A
B
UC1525A
GND
Source = VO − VOH
Sink = VOL
VIN = 20 V,
TA = 25°C
4
3
2
1
0
0.1
.1
.2
1
Output Current, Source or Sink − A
13
11
14
12
Q2
Q1
+VC
A
B
UC1525A
GND
+VSUPPLY
Return
R1
C1
R2
C2
R3
T1
UC1525A, UC1527A
UC2525A, UC2527A
UC3525A, UC3527A
SLUS191C – FEBRUARY 1997 – REVISED JANUARY 2008
PRINCIPLES OF OPERATION AND TYPICAL CHARACTERISTICS (continued)
Figure 3. Output Drivers With Low Source Impedance
The low source impedance of the output drivers provides rapid charging of power FET input capacitance while
minimizing external components.
Figure 4. UC1525A Output Saturation Characteristics.
Figure 5. Conventional Push-Pull Bipolar Design
In conventional push-pull bipolar designs, forward base drive is controlled by R1–R3. Rapid turn-off times for the
power devices are achieved with speed-up capacitors C1 and C2.
Copyright © 1997–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): UC1525A, UC1527A UC2525A, UC2527A UC3525A, UC3527A


Similar Part No. - UC2525A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2525A TI-UC2525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
UC2525A TI-UC2525A Datasheet
345Kb / 13P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC2525A TI1-UC2525A Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC2525ADW TI-UC2525ADW Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
UC2525ADW TI1-UC2525ADW Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - UC2525A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com