Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5640CRM-2REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5640CRM-2REEL7
Description  Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5640CRM-2REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5640CRM-2REEL7 Datasheet HTML 5Page - Analog Devices AD5640CRM-2REEL7 Datasheet HTML 6Page - Analog Devices AD5640CRM-2REEL7 Datasheet HTML 7Page - Analog Devices AD5640CRM-2REEL7 Datasheet HTML 8Page - Analog Devices AD5640CRM-2REEL7 Datasheet HTML 9Page - Analog Devices AD5640CRM-2REEL7 Datasheet HTML 10Page - Analog Devices AD5640CRM-2REEL7 Datasheet HTML 11Page - Analog Devices AD5640CRM-2REEL7 Datasheet HTML 12Page - Analog Devices AD5640CRM-2REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD5620/AD5640/AD5660
Rev. F | Page 9 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
SYNC
VDD 1
VREFOUT 2
VFB 3
VOUT 4
GND
8
DIN
7
SCLK
6
5
AD5620/
AD5640/
AD5660
TOP VIEW
(Not to Scale)
Figure 3. SOT-23 Pin Configuration
SYNC
VDD 1
VREFOUT 2
VFB 3
VOUT 4
GND
8
DIN
7
SCLK
6
5
AD5620/
AD5640/
AD5660
TOP VIEW
(Not to Scale)
Figure 4. MSOP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Power Supply Input. These parts can operate from 2.7 V to 5.5 V. VDD should be decoupled to GND.
2
VREFOUT
Reference Voltage Output.
3
VFB
Feedback Connection for the Output Amplifier. VFB should be connected to VOUT for normal operation.
4
VOUT
Analog Output Voltage from DAC. The output amplifier has rail-to-rail operation.
5
SYNC
Level-Triggered Control Input (Active Low). This is the frame synchronization signal for the input data. When
SYNC goes low, it enables the input shift register and data is transferred in on the falling edges of the following
clocks. The DAC is updated following the 24th clock cycle for the AD5660 and the 16th clock cycle for
AD5620/AD5640 unless SYNC is taken high before this edge. In this case, the rising edge of SYNC acts as an
interrupt, and the write sequence is ignored by the DAC.
6
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data
can be transferred at rates up to 30 MHz.
7
DIN
Serial Data Input. The AD5660 has a 24-bit shift register, and the AD5620/AD5640 have a 16-bit shift register.
Data is clocked into the register on the falling edge of the serial clock input.
8
GND
Ground Reference Point for all Circuitry on the Part.


Similar Part No. - AD5640CRM-2REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5640 AD-AD5640 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
More results

Similar Description - AD5640CRM-2REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com