Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4561 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4561
Description  MCX Jack Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4561 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4561 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4561 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MCX Jack Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
Configuration
Connector
MCX Jack
Connector Specification
CECC 22220
Connector Interface Type
Turret
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.35 [8.89]
Width/Dia., in [mm]
0.256 [6.50]
.
Weight, lbs [g]
0.003 [1.36]
Connector
Type
MCX Jack
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
30µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
MCX Jack Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MCX Jack Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole PE4561
URL:
http://www.pasternack.com/mcx-jack-standard-turret-terminal-connector-pe4561-p.aspx
PE4561
PE4561 REV 01
MCX Jack Bulkhead Connector Solder Attachment
Turret Terminal, .177 inch D Hole


Similar Part No. - PE4561

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4561 PASTERNACK-PE4561 Datasheet
321Kb / 3P
   MCX Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
PE4561 PASTERNACK-PE4561_16 Datasheet
321Kb / 3P
   MCX Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
More results

Similar Description - PE4561

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4560 PASTERNACK-PE4560 Datasheet
222Kb / 3P
   MCX Jack Right Angle Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE44392 PASTERNACK-PE44392 Datasheet
220Kb / 3P
   SSMA Female Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
PE4561 PASTERNACK-PE4561_16 Datasheet
321Kb / 3P
   MCX Jack Bulkhead Mount Connector Solder Attachment Turret Terminal
PE4886 PASTERNACK-PE4886 Datasheet
262Kb / 3P
   MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE44301 PASTERNACK-PE44301 Datasheet
270Kb / 3P
   MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .177 inch D Hole
PE44377 PASTERNACK-PE44377 Datasheet
227Kb / 3P
   RP MCX Jack Bulkhead Connector Solder Attachment End Launch PCB, .177 inch D Hole
PE44306 PASTERNACK-PE44306 Datasheet
254Kb / 3P
   MCX Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole
PE44374 PASTERNACK-PE44374 Datasheet
226Kb / 3P
   RP MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE4339 PASTERNACK-PE4339 Datasheet
221Kb / 3P
   SSMB Jack Bulkhead Connector Solder Attachment Turret Terminal, .126 inch D Hole, Front Mount
PE44376 PASTERNACK-PE44376 Datasheet
258Kb / 3P
   RP MCX Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com