Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEP16JTD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FEP16JTD
Description  16 Ampere Glass Passivated Super Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FEP16JTD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FEP16JTD Datasheet HTML 1Page - Fairchild Semiconductor FEP16JTD Datasheet HTML 2Page - Fairchild Semiconductor FEP16JTD Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEP16AT - FEP16JT, Rev. A
FEP16AT - FEP16JT
16 Ampere Glass Passivated Super Fast Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
©1999 Fairchild Semiconductor Corporation
Features
Low forward voltage drop.
High surge current capacity.
High current capability.
High reliability.
Parameter
Device
Units
16AT
16BT
16CT
16DT
16FT
16GT
16HT
16JT
Peak Repetitive Reverse Voltage
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
35
70
105
140
210
280
350
420
V
DC Blocking Voltage
(Rated VR)
50
100
150
200
300
400
500
600
V
Maximum Reverse Current
@ rated VR
TA = 25
°C
TA = 100
°C
10
500
µA
µA
Maximum Reverse Recovery Time
IF = 0.5 A, IR = 1.0 A, IRR = 0.25 A
35
50
nS
Maximum Forward Voltage @ 8.0A
0.95
1.3
1.5
V
Typical Junction Capacitance
VR = 4.0. f = 1.0 MHz
85
60
pF
Symbol
Parameter
Value
Units
IO
Average Rectified Current
.375 " lead length @ TA = 100
°C
16
A
if(surge)
Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
200
A
PD
Total Device Dissipation
Derate above 25
°C
8.33
66
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
15
°C/W
RθJL
Thermal Resistance, Junction to Lead
2.2
°C/W
Tstg
Storage Temperature Range
-65 to +150
°C
TJ
Operating Junction Temperature
-65 to +150
°C
TO-220AB
1
2
3
0.412(10.5)
MAX
0.103(2.62)
0.113(2.87)
0.14(3.56)
0.16(4.06)
0.587(14.9)
0.594(15.1)
0.53(13.46)
0.56(14.22)
0.027(0.68)
0.037(0.94)
0.095(2.41)
0.105(2.67)
0.148(3.74)
0.154(3.91)
Dimensions are in: inches (mm)
0.014(0.35)
0.025(0.64)
0.10(2.54)
0.11(2.79)
0.23(5.84)
0.27(6.86)
0.045(1.14)
0.055(1.40)
0.175(4.44)
0.185(4.70)
PIN 1
CASE
+
PIN 3
Positive CT
PIN 2
PIN 1
CASE
-
PIN 3
Negative CT
Suffix “A”
PIN 2
PIN 1
CASE
AC
PIN 3
Doubler
Suffix “D”
PIN 2
Discrete POWER & Signal
Technologies


Similar Part No. - FEP16JTD

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FEP16JTD THINKISEMI-FEP16JTD Datasheet
344Kb / 2P
   16.0 Ampere Fast Efficient Plastic Half Bridge Rectifiers
FEP16JTD THINKISEMI-FEP16JTD Datasheet
368Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
More results

Similar Description - FEP16JTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FES16AT FAIRCHILD-FES16AT Datasheet
37Kb / 3P
   16 Ampere Glass Passivated Super Fast Rectifiers
logo
Thinki Semiconductor Co...
FMG22R THINKISEMI-FMG22R Datasheet
620Kb / 2P
   10.0 Ampere Insulated Glass Passivated Super Fast Recovery Rectifiers
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
   Glass Passivated Super Fast Rectifiers
logo
Silicon Standard Corp.
MUR805CT SSC-MUR805CT Datasheet
308Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
   Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com