Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5270BRMZ-20-RL7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5270BRMZ-20-RL7
Description  1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5270BRMZ-20-RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5270BRMZ-20-RL7 Datasheet HTML 7Page - Analog Devices AD5270BRMZ-20-RL7 Datasheet HTML 8Page - Analog Devices AD5270BRMZ-20-RL7 Datasheet HTML 9Page - Analog Devices AD5270BRMZ-20-RL7 Datasheet HTML 10Page - Analog Devices AD5270BRMZ-20-RL7 Datasheet HTML 11Page - Analog Devices AD5270BRMZ-20-RL7 Datasheet HTML 12Page - Analog Devices AD5270BRMZ-20-RL7 Datasheet HTML 13Page - Analog Devices AD5270BRMZ-20-RL7 Datasheet HTML 14Page - Analog Devices AD5270BRMZ-20-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD5270/AD5271
Rev. F | Page 11 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
+125°C
+25°C
–40°C
RAW = 20kΩ
Figure 7. R-INL in R-Perf Mode vs. Code vs. Temperature (AD5270)
CODE (Decimal)
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0
128
256
384
512
640
768
896
1023
+25°C
–40°C
+125°C
RAW = 20kΩ
Figure 8. R-DNL in R-Perf Mode vs. Code vs. Temperature (AD5270)
–0.10
0
0.10
0.40
0.20
0.30
0.50
CODE (Decimal)
0
128
256
384
512
640
768
896
1023
+125°C
+25°C
–40°C
RAW = 20kΩ
Figure 9. R-INL in Normal Mode vs. Code vs. Temperature (AD5270)
0
256
512
768
1023
CODE (Decimal)
0.8
0.6
0.4
0.2
0
–0.2
–0.4
20kΩ
50kΩ
100kΩ
TA = 25°C
Figure 10. R-INL in R-Perf Mode vs. Code vs. Nominal Resistance (AD5270)
0
256
512
768
1023
CODE (Decimal)
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
20kΩ
50kΩ
100kΩ
TA = 25°C
Figure 11. R-DNL in R-Perf Mode vs. Code vs. Nominal Resistance (AD5270)
0
256
512
768
1023
CODE (Decimal)
0.4
0.6
0.2
0
–0.2
–0.4
20kΩ
50kΩ
100kΩ
TA = 25°C
Figure 12. R-INL in Normal Mode vs. Code vs. Nominal Resistance (AD5270)


Similar Part No. - AD5270BRMZ-20-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5270-20 AD-AD5270-20 Datasheet
223Kb / 5P
   Devices Connected
More results

Similar Description - AD5270BRMZ-20-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5291 AD-AD5291 Datasheet
650Kb / 28P
   256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
REV. 0
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com