Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2557 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A2557
Description  Protected Quad Driver with Fault Detection and Sleep Mode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2557 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A2557_09 Datasheet HTML 4Page - Allegro MicroSystems A2557_09 Datasheet HTML 5Page - Allegro MicroSystems A2557_09 Datasheet HTML 6Page - Allegro MicroSystems A2557_09 Datasheet HTML 7Page - Allegro MicroSystems A2557_09 Datasheet HTML 8Page - Allegro MicroSystems A2557_09 Datasheet HTML 9Page - Allegro MicroSystems A2557_09 Datasheet HTML 10Page - Allegro MicroSystems A2557_09 Datasheet HTML 11Page - Allegro MicroSystems A2557_09 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Protected Quad Driver
with Fault Detection and Sleep Mode
A2557
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
CIRCUIT DESCRIPTION AND APPLICATION (continued)
Fault diagnostics
A pull-up resistor or current source is required on the FAULT
output. This can be connected to whatever supply level the fol-
lowing circuitry requires (within the specification constraints).
For a 5 V supply (i.e., Vcc) 150 kΩ or greater should be used.
As the fault diagnostic function is to indicate when the output
state is different from the input state for any channel, the FAULT
output waveform will obviously produce a pulse waveform fol-
lowing the combined duty-cycle of all channels showing a fault
condition. There are therefore two basic approaches to using the
function in an application:
As an interrupt in a controller-based system. If the system
has a microcontroller then a FAULT low causes an interrupt,
which then initiates a diagnostic sequence to find the culprit
channel. This sequence usually consists of cycling through each
channel one at a time, while monitoring the FAULT output. It
is then easy to determine which channel has the faulty output
and how it is failing (i.e., short to supply, open-circuit or short to
ground). The system may then take whatever action is required,
but could continue with operation of the remaining ‘good’ chan-
nels while disabling signals to the faulty channel.
As a simple ‘common’ fault indication. If there is no con-
troller in the system then the FAULT output can be set to give an
indication (via a lamp or LED, etc.) of a fault condition which
might be anywhere on the four channels. Because the FAULT
output is dependent on the states of the input and output (four
possibilities) but will only indicate on two of them, the duty
cycle at the FAULT output will reflect the duty cycle at the faulty
channel’s input (or its inverse, depending upon fault type).
In typical applications (50% duty cycles) a simple solution is to
make the pull-up current on the FAULT output much less than
the pull-down current (60 μA), and add a capacitor to give a
time constant longer than the period of operation. For typical
values, the device will produce a continuous dc output level.
Component values will need to be adjusted to cope with different
conditions.
Inductive load driver
Bifilar (unipolar) stepper motors (and other inductive loads)
can be driven directly. The internal diodes prevent damage to
the output transistors by suppressing the high-voltage spikes
that occur when turning off an inductive load. For rapid current
decay (fast turn-off speeds), the use of Zener diodes will raise
the flyback voltage and improve performance. However, the
peak voltage must not exceed the specified minimum sustaining
voltage (VSUPPLY + VZ + VF < VO(SUS)).
Over-current conditions
In the event of a shorted load, or stalled motor, the load current
will attempt to increase. As described above, the drive current to
the affected output stage is linearly reduced, causing the output
to go linear (limiting the load current to about 500 mA). As the
junction temperature of the output stage increases, the thermal-
shutdown circuit will shut off the affected output. If the fault
condition is corrected, the output driver will return to its normal
saturated condition.
NORMAL LAMP IN-RUSH CURRENT
TIME
THERMAL GRADIENT SENSING
CURRENT LIMIT
Dwg. WP-008
NOT TO SCALE
ITRIP
0


Similar Part No. - A2557_09

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A2557EB ALLEGRO-A2557EB Datasheet
176Kb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
A2557EB ALLEGRO-A2557EB Datasheet
154Kb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
A2557EB ALLEGRO-A2557EB Datasheet
1Mb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION and SLEEP MODE
A2557EB-T ALLEGRO-A2557EB-T Datasheet
1Mb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION and SLEEP MODE
A2557EEB ALLEGRO-A2557EEB Datasheet
176Kb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
More results

Similar Description - A2557_09

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3187LUA-T ALLEGRO-A3187LUA-T Datasheet
684Kb / 8P
   Protected Quad Driver with Fault Detection and Sleep Mode
2557 ALLEGRO-2557_06 Datasheet
1Mb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION and SLEEP MODE
2557 ALLEGRO-2557 Datasheet
176Kb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
A2557ELB ALLEGRO-A2557ELB Datasheet
154Kb / 12P
   PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
   Quad Fault Protected Peripheral Driver
logo
Texas Instruments
DS3668NHAPB TI1-DS3668NHAPB Datasheet
157Kb / 7P
[Old version datasheet]   DS3668 Quad Fault Protected Peripheral Driver
TCAN1043A-Q1 TI1-TCAN1043A-Q1_V02 Datasheet
2Mb / 54P
[Old version datasheet]   TCAN1043A-Q1 Automotive Low-Power Fault Protected CAN FD Transceiver With Sleep Mode
REVISED JANUARY 2023
logo
EM Microelectronic - MA...
V6155 EMMICRO-V6155 Datasheet
171Kb / 12P
   Extremely Accurate Power Surveillance, Software Monitoring and Sleep Mode Detection
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
logo
Allegro MicroSystems
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
   Protected Quad Driver
October 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com